전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTF3050TE 데이터시트(PDF) 41 Page - Infineon Technologies AG

부품명 BTF3050TE
상세설명  Smart Low-Side Power Switch
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTF3050TE 데이터시트(HTML) 41 Page - Infineon Technologies AG

Back Button BTF3050TE Datasheet HTML 37Page - Infineon Technologies AG BTF3050TE Datasheet HTML 38Page - Infineon Technologies AG BTF3050TE Datasheet HTML 39Page - Infineon Technologies AG BTF3050TE Datasheet HTML 40Page - Infineon Technologies AG BTF3050TE Datasheet HTML 41Page - Infineon Technologies AG BTF3050TE Datasheet HTML 42Page - Infineon Technologies AG BTF3050TE Datasheet HTML 43Page - Infineon Technologies AG BTF3050TE Datasheet HTML 44Page - Infineon Technologies AG BTF3050TE Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Datasheet
41
Rev. 1.1, 2018-08-28
HITFET - BTF3050TE
Smart Low-Side Power Switch
Characterisation Results
Figure 44
Typical IL(LIM) vs.VDD @ Tj=25°C
Figure 45
Typical IL(LIM)_TRIGGER vs. L @ Tj = (-40, 25, 150°C)
10
12
14
16
18
20
3
3,5
4
4,5
5
5,5
VDD [V]
0
10
20
30
40
50
60
70
80
02468
10
L [uH]
-40°C
25°C
150°C


유사한 부품 번호 - BTF3050TE

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTF3050EJ INFINEON-BTF3050EJ Datasheet
3Mb / 59P
   Smart Low-Side Power Switch
Rev. 1.0 2018-08-08
More results

유사한 설명 - BTF3050TE

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com