전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE75242-ESD 데이터시트(PDF) 32 Page - Infineon Technologies AG

부품명 TLE75242-ESD
상세설명  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75242-ESD 데이터시트(HTML) 32 Page - Infineon Technologies AG

Back Button TLE75242-ESD Datasheet HTML 28Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 29Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 30Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 31Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 32Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 33Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 34Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 35Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Datasheet
32
Rev. 1.0
2017-11-23
TLE75242-ESD
SPIDER+ 12V
Power Supply
Active to Limp Home delay tACTIVE2LH
50
100
µs
1)
from IDLE pin to
TER + INST
register = 8683H
(IN0 = IN1 = “high”)
or 8682H(IN1 =
“high”, IN0 =
“low”) or 8681H
(IN1 = “low”, IN0 =
“high”) (see
Chapter 10.5 for
details)
P_6.3.60
Active to Sleep delay
tACTIVE2SLEEP
50
100
µs
1)
from IDLE pin to
Standard
Diagnosis = 0000H
(see
Chapter 10.6.1 for
details). External
pull-down SO to
GND required.
P_6.3.61
1) Not subject to production test - specified by design
Table 8
Electrical Characteristics Power Supply (cont’d)
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C, all voltages with respect to ground, positive currents
flowing as described in Figure 3 (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


유사한 부품 번호 - TLE75242-ESD

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

유사한 설명 - TLE75242-ESD

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com