전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FL086-4KM 데이터시트(PDF) 4 Page - Mini-Circuits

부품명 FL086-4KM
상세설명  Coaxial Cable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

FL086-4KM 데이터시트(HTML) 4 Page - Mini-Circuits

  FL086-4KM Datasheet HTML 1Page - Mini-Circuits FL086-4KM Datasheet HTML 2Page - Mini-Circuits FL086-4KM Datasheet HTML 3Page - Mini-Circuits FL086-4KM Datasheet HTML 4Page - Mini-Circuits FL086-4KM Datasheet HTML 5Page - Mini-Circuits FL086-4KM Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Flexible Coaxial Cable, 2.92mm-M/2.92mm-M
FL086-4KM+
Typical Performance Curves
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5000
10000
15000
20000
25000
30000
35000
40000
Frequency (MHz)
Insertion Loss
0
10
20
30
40
50
60
70
80
0
5000
10000
15000
20000
25000
30000
35000
40000
Frequency (MHz)
2.92mm-Male 1 Return Loss
0
10
20
30
40
50
60
70
80
0
5000
10000
15000
20000
25000
30000
35000
40000
Frequency (MHz)
2.92mm-Male 2 Return Loss
REV. OR
FL086-4KM+
10/23/2019
Page 1 of 1


유사한 부품 번호 - FL086-4KM

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
FL086-12-35M MINI-FL086-12-35M Datasheet
662Kb / 6P
   Coaxial Cable
FL086-12-35M++ MINI-FL086-12-35M+ Datasheet
662Kb / 6P
   Coaxial Cable
FL086-12KM MINI-FL086-12KM Datasheet
697Kb / 6P
   Coaxial Cable
FL086-12KM++ MINI-FL086-12KM+ Datasheet
697Kb / 6P
   Coaxial Cable
FL086-12NM MINI-FL086-12NM Datasheet
264Kb / 2P
   Coaxial Cable
More results

유사한 설명 - FL086-4KM

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
   Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
   Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
   Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
   Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
   Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
   Coaxial Cable
086-10SMR MINI-086-10SMR Datasheet
385Kb / 2P
   Coaxial Cable
086-11SM MINI-086-11SM Datasheet
547Kb / 3P
   Coaxial Cable
086-14SBSM MINI-086-14SBSM Datasheet
443Kb / 2P
   Coaxial Cable
086-18KM MINI-086-18KM Datasheet
304Kb / 2P
   Coaxial Cable
141-5SMRSM MINI-141-5SMRSM Datasheet
542Kb / 3P
   Coaxial Cable
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com