전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YAT-30A 데이터시트(PDF) 2 Page - Mini-Circuits

부품명 YAT-30A
상세설명  Fixed Attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-30A 데이터시트(HTML) 2 Page - Mini-Circuits

  YAT-30A Datasheet HTML 1Page - Mini-Circuits YAT-30A Datasheet HTML 2Page - Mini-Circuits YAT-30A Datasheet HTML 3Page - Mini-Circuits YAT-30A Datasheet HTML 4Page - Mini-Circuits YAT-30A Datasheet HTML 5Page - Mini-Circuits YAT-30A Datasheet HTML 6Page - Mini-Circuits YAT-30A Datasheet HTML 7Page - Mini-Circuits YAT-30A Datasheet HTML 8Page - Mini-Circuits YAT-30A Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Microwave Precision
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Pad Description
Function
Pad Number
Description
RF IN
2
RF input pad
RF-OUT
5
RF output pad
GND
1,3,4,6
Bottom Exposed pad
Connected to ground externally
YAT-30A+
Product Features
• Miniature package MCLP™ 2 x 2 mm
• Wide bandwidth, DC-18 GHz
• Excellent attenuation accuracy & flatness
REV. OR
M171621
YAT-30A+
CM/CP/AM
190613
Typical Applications
• cellular
• PCS
• Communications
• Radar
• Defense
50Ω
1W
30 dB
DC to 18 GHz
General Description
YAT-30A+ is a 30-dB absorptive attenuator fabricated using highly repetitive MMIC process including thin
film resistors on GaAs substrate. YAT-30A+ attenuator contains through-wafer metallization vias to real-
ize low thermal resistance and wideband operation. Packaged in tiny 2 mm x 2 mm MCLPTM package fits
into tiny spaces.
CASE STYLE: MC1630
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Generic photo used for illustration purposes only


유사한 부품 번호 - YAT-30A

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
YAT-30-D MINI-YAT-30-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
More results

유사한 설명 - YAT-30A

제조업체부품명데이터시트상세설명
logo
DAICO Industries, Inc.
DAO960 DAICO-DAO960 Datasheet
106Kb / 1P
   Fixed Attenuator
logo
Mini-Circuits
LAT-30 MINI-LAT-30 Datasheet
251Kb / 1P
   Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
   Fixed Attenuator
RCAT-04 MINI-RCAT-04 Datasheet
244Kb / 4P
   Fixed Attenuator
RCAT-06 MINI-RCAT-06 Datasheet
245Kb / 4P
   Fixed Attenuator
KAT-2 MINI-KAT-2 Datasheet
231Kb / 4P
   Fixed Attenuator
logo
Yantel Corporation
FAT1820S2 YANTEL-FAT1820S2 Datasheet
150Kb / 2P
   Fixed Attenuator
FAT1830S2 YANTEL-FAT1830S2 Datasheet
150Kb / 2P
   Fixed Attenuator
FAT0660N5 YANTEL-FAT0660N5 Datasheet
136Kb / 2P
   Fixed Attenuator
logo
JFW Industries, Inc.
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
   FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
   FIXED ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com