전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZCDC13-V154 데이터시트(PDF) 2 Page - Mini-Circuits

부품명 ZCDC13-V154
상세설명  Directional Coupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZCDC13-V154 데이터시트(HTML) 2 Page - Mini-Circuits

  ZCDC13-V154 Datasheet HTML 1Page - Mini-Circuits ZCDC13-V154 Datasheet HTML 2Page - Mini-Circuits ZCDC13-V154 Datasheet HTML 3Page - Mini-Circuits ZCDC13-V154 Datasheet HTML 4Page - Mini-Circuits ZCDC13-V154 Datasheet HTML 5Page - Mini-Circuits ZCDC13-V154 Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Maximum Ratings
Coaxial Connections
INPUT
IN
OUTPUT
OUT
COUPLED
CPL
TERMINATION (50
Ω) INCLUDED
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Supplied Termination*
1 W
DC Current
0.5A
ZCDC13-V154+
50Ω
13dB
Up to 13W
1 to 50 GHz
Directional Coupler
REV. OR
ECO-000660
ZCDC13-V154+
WP/CP/AM
191112
Wideband, DC Pass
Features
• Wide frequency range, 1 to 50 GHz
• Good coupling flatness, ±0.6 dB typ.
• Good directivity, 18 dB typ. up to 50 GHz
• Excellent return loss, 22 dB typ. up to 50 GHz
• DC current pass through input to output
Applications
• 5G
• Mobile
• Fixed satellite
• Lab use
inch
mm
Electrical Schematic
Permanent damage may occur if any of these limits are exceeded
* up to 25°C, derates linearly to 325mW at 100°C.
Outline Drawing
Outline Dimensions (
)
A
B
C
D
E
F
G
3.50
0.70
0.50
1.181
1.138
0.122
0.25
88.90
17.78
12.70
30.00
28.91
3.10
6.35
H
J
K
L
M
N
wt
0.102
1.00
1.50
0.303
0.098
0.2
grams
2.59
25.40
38.10
7.70
2.5
5.08
80
CASE STYLE: HT2679
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Typical Performance Data
Frequency
(MHz)
Mainline Loss1
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
In
Return Loss
(dB)
Out
Cpl
1000
0.35
13.96
57.90
32.19
36.70
33.80
5000
0.57
13.64
28.08
34.92
34.70
31.77
10000
0.77
13.91
27.33
21.32
21.35
26.43
18000
1.02
13.32
16.02
23.68
25.28
25.68
25000
1.25
13.23
27.84
24.37
23.69
31.12
30000
1.39
13.58
27.00
22.77
21.42
25.24
35000
1.61
13.45
17.30
18.34
19.54
21.82
40000
1.67
13.96
24.74
25.85
30.84
20.99
45000
1.91
14.13
20.04
23.79
22.54
23.00
50000
1.97
13.71
14.90
29.22
25.53
28.49
INCLUDED
TERMINATION
Connectors
Model
2.4mm Female
ZCDC13-V154+
1. Mainline loss includes coupling loss
** up to 25°C, derates linearly to 5W at 100°C.
Electrical Specifications at 25°C
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Operating Frequency
1
50
GHz
Nominal Coupling
1-50
13±2.0
dB
Coupling Flatness (±)
1-50
0.6
1.2
dB
Mainline Loss1
1-18
0.8
1.6
dB
18-40
1.4
2.5
40-50
1.9
2.8
Directivity
1-18
14
28
dB
18-40
10
21
40-50
8
18
Return Loss (In & Out)
1-18
12.7
31
dB
18-40
11.7
24
40-50
10.8
22
Return Loss (Coupling)
1-18
12.7
30
dB
18-40
11.7
23
40-50
10.8
22
Input Power**
13
W
1. Mainline loss includes coupling loss
0.0
0.5
1.0
1.5
2.0
2.5
0
10000
20000
30000
40000
50000
FREQUENCY (MHz)
ZCDC13-V154+
MAINLINE LOSS
0
15
30
45
60
75
0
10000
20000
30000
40000
50000
FREQUENCY (MHz)
ZCDC13-V154+
COUPLING & DIRECTIVITY
COUPLING
DIRECTIVITY
10
20
30
40
50
60
0
10000
20000
30000
40000
50000
FREQUENCY (MHz)
ZCDC13-V154+
RETURN LOSS
IN
OUT
CPL
Generic photo used for illustration purposes only


유사한 부품 번호 - ZCDC13-V154

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
ZCDC13-01263-S MINI-ZCDC13-01263-S Datasheet
266Kb / 2P
   Directional Coupler
ZCDC13-01263-S++ MINI-ZCDC13-01263-S+ Datasheet
266Kb / 2P
   Directional Coupler
ZCDC13-5R263-S MINI-ZCDC13-5R263-S Datasheet
269Kb / 2P
   Directional Coupler
ZCDC13-5R263-S++ MINI-ZCDC13-5R263-S+ Datasheet
269Kb / 2P
   Directional Coupler
ZCDC13-E1653 MINI-ZCDC13-E1653 Datasheet
615Kb / 6P
   Directional Coupler
More results

유사한 설명 - ZCDC13-V154

제조업체부품명데이터시트상세설명
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
   Directional Coupler
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
   Directional Coupler
logo
RFHIC
CP360 RFHIC-CP360 Datasheet
154Kb / 2P
   Directional Coupler
CP361 RFHIC-CP361 Datasheet
177Kb / 3P
   Directional Coupler
logo
Merrimac Industries, In...
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
   DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
   DIRECTIONAL COUPLER
CSD-20H-2.2G MERRIMAC-CSD-20H-2.2G Datasheet
137Kb / 5P
   DIRECTIONAL COUPLER
logo
SYNERGY MICROWAVE CORPO...
GC6-2 SYNERGY-GC6-2 Datasheet
341Kb / 3P
   Directional coupler
KDK-20-225 SYNERGY-KDK-20-225 Datasheet
252Kb / 3P
   Directional coupler
logo
Alpha Industries
DC17-73 ALPHA-DC17-73 Datasheet
58Kb / 3P
   Directional Coupler
logo
Mini-Circuits
ZFDC-10-5 MINI-ZFDC-10-5 Datasheet
77Kb / 1P
   Directional Coupler
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com