전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZCDP-1710-S 데이터시트(PDF) 7 Page - Mini-Circuits

부품명 ZCDP-1710-S
상세설명  Diplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZCDP-1710-S 데이터시트(HTML) 7 Page - Mini-Circuits

  ZCDP-1710-S Datasheet HTML 1Page - Mini-Circuits ZCDP-1710-S Datasheet HTML 2Page - Mini-Circuits ZCDP-1710-S Datasheet HTML 3Page - Mini-Circuits ZCDP-1710-S Datasheet HTML 4Page - Mini-Circuits ZCDP-1710-S Datasheet HTML 5Page - Mini-Circuits ZCDP-1710-S Datasheet HTML 6Page - Mini-Circuits ZCDP-1710-S Datasheet HTML 7Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV109
Operating Temperature
-40° to 85° C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 100° C
Ambient Environment
Individual Model Data Sheet
Humidity
90 to 95% RH, 40°C, 96 hours
Units may require bake-out after humidity to restore full
performance.
MIL-STD-202. method 103. Condition B
Thermal Shock
-55° to 100°C, 5 cycles
MIL-STD-202, Method 107, Condition D
Vibration (High Frequency)
20g peak, 10-2000 Hz, 12 times in each of three
perpendicular directions (total 36)
MIL-STD-202, Method 204, Condition D
Mechanical Shock
50g, 11ms half-sine, 3 shocks each direction 3 axes (total 18)
MIL-STD-202, Method 213, Condition A
This document and its contents are the property of Mini-Circuits.
Rev:
ENV109
OR
06/10/19
File:
M174715
ENV109.pdf
Page: 1


유사한 부품 번호 - ZCDP-1710-S

제조업체부품명데이터시트상세설명
logo
Leach International Cor...
ZCD LEACH-ZCD Datasheet
349Kb / 5P
   CONTACTOR, CENTER-OFF 100 AMP
logo
Mini-Circuits
ZCDC10-01263-S MINI-ZCDC10-01263-S Datasheet
276Kb / 2P
   Directional Coupler
ZCDC10-01263-S++ MINI-ZCDC10-01263-S+ Datasheet
276Kb / 2P
   Directional Coupler
ZCDC10-02263S MINI-ZCDC10-02263S Datasheet
312Kb / 2P
   Directional Coupler
ZCDC10-02263S++ MINI-ZCDC10-02263S+ Datasheet
312Kb / 2P
   Directional Coupler
More results

유사한 설명 - ZCDP-1710-S

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
   Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
   Diplexer
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
   Diplexer
ZDSS-3G4G MINI-ZDSS-3G4G Datasheet
645Kb / 3P
   Diplexer
ZDPL-4254-75-F MINI-ZDPL-4254-75-F Datasheet
570Kb / 3P
   Diplexer
ZDSS-3G4G-S MINI-ZDSS-3G4G-S Datasheet
645Kb / 3P
   Diplexer
DPLX-4254A0 MINI-DPLX-4254A0 Datasheet
411Kb / 3P
   Diplexer
RDP-6500 MINI-RDP-6500 Datasheet
468Kb / 3P
   Diplexer
DPLB-6585A0 MINI-DPLB-6585A0 Datasheet
534Kb / 3P
   Diplexer
DPLX-6588A0 MINI-DPLX-6588A0 Datasheet
412Kb / 3P
   Diplexer
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
   Diplexer
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com