전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZX60-63GLN 데이터시트(PDF) 8 Page - Mini-Circuits

부품명 ZX60-63GLN
상세설명  Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX60-63GLN 데이터시트(HTML) 8 Page - Mini-Circuits

  ZX60-63GLN Datasheet HTML 1Page - Mini-Circuits ZX60-63GLN Datasheet HTML 2Page - Mini-Circuits ZX60-63GLN Datasheet HTML 3Page - Mini-Circuits ZX60-63GLN Datasheet HTML 4Page - Mini-Circuits ZX60-63GLN Datasheet HTML 5Page - Mini-Circuits ZX60-63GLN Datasheet HTML 6Page - Mini-Circuits ZX60-63GLN Datasheet HTML 7Page - Mini-Circuits ZX60-63GLN Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV28T10
Operating Temperature
-55° to 100°C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 125° C
Ambient Environment
Individual Model Data Sheet
Barometric Pressure
100,000 Feet
MIL-STD-202, Method 105, Condition D
Humidity
90% RH, 65°C
Units may require bake-out after humidity to restore full
performance.
MIL-STD-202, Method 103
Thermal Shock
-65° to 125°C, 5 cycles
MIL-STD-202, Method 107, Condition B
Vibration (High Frequency)
20g peak, 10-2000 Hz, 12 times in each of three
perpendicular directions (total 36)
MIL-STD-202, Method 204, Condition D
Mechanical Shock
100g, 6ms sawtooth, 3 shocks each direction 3 axes (total
18)
MIL-STD-202, Method 213, Condition I
This document and its contents are the property of Mini-Circuits.
Rev:
ENV28T10
A
09/26/13
File:
M143494
ENV28T10.pdf
Page: 1


유사한 부품 번호 - ZX60-63GLN

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
ZX60-6013E MINI-ZX60-6013E Datasheet
245Kb / 2P
   Amplifier
More results

유사한 설명 - ZX60-63GLN

제조업체부품명데이터시트상세설명
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com