전자부품 데이터시트 검색엔진 |
|
MC78M20BT 데이터시트(PDF) 6 Page - ON Semiconductor |
|
MC78M20BT 데이터시트(HTML) 6 Page - ON Semiconductor |
6 / 16 page MC78M00, MC78M00A Series http://onsemi.com 6 MC78M20C/B ELECTRICAL CHARACTERISTICS (VI = 29 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5.0 W, unless otherwise noted) (Note 6) Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = 25°C) VO 19.2 20 20.8 Vdc Output Voltage Variation VO 19 − 21 Vdc (23 Vdc ≤ VI ≤ 35 Vdc, 5.0 mA ≤ IO ≤ 350 mA) Line Regulation Regline − 10 50 mV (TJ = 25°C, 23 Vdc ≤ VI ≤ 35 Vdc, IO = 200 mA) Load Regulation Regload mV (TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA) − 30 400 (TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA) − 10 200 Input Bias Current (TJ = 25°C) IIB − 3.2 6.5 mA Quiescent Current Change DIIB mA (23 Vdc ≤ VI ≤ 35 Vdc, IO = 200 mA) − − 0.8 (5.0 mA ≤ IO ≤ 350 mA) − − 0.5 Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 110 − mV Ripple Rejection RR dB (IO = 100 mA, f = 120 Hz, 24 V ≤ VI ≤ 34 V) 52 − − (IO = 300 mA, f = 120 Hz, 24 V ≤ VI ≤ 34 V, TJ = 25°C) 52 70 − Dropout Voltage VI−VO − 2.0 − Vdc (TJ = 25°C) Short Circuit Current Limit (TJ = 25°C, VI = 35 V) IOS − 50 − mA Average Temperature Coefficient of Output Voltage DVO/DT − ±0.5 − mV/ °C (IO = 5.0 mA) Peak Output Current IO − 700 − mA (TJ = 25°C) MC78M24C/B ELECTRICAL CHARACTERISTICS (VI = 33 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5.0 W, unless otherwise noted) (Note 6) Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = 25°C) VO 23 24 25 Vdc Output Voltage Variation VO 22.8 − 25.2 Vdc (27 Vdc ≤ VI ≤ 38 Vdc, 5.0 mA ≤ IO ≤ 350 mA) Line Regulation Regline − 10 50 mV (TJ = 25°C, 27 Vdc ≤ VI ≤ 38 Vdc, IO = 200 mA) Load Regulation Regload mV (TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA) − 30 480 (TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA) − 10 240 Input Bias Current (TJ = 25°C) IIB − 3.2 7.0 mA Quiescent Current Change DIIB mA (27 Vdc ≤ VI ≤ 38 Vdc, IO = 200 mA) − − 0.8 (5.0 mA ≤ IO ≤ 350 mA) − − 0.5 Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 170 − mV Ripple Rejection RR dB (IO = 100 mA, f = 120 Hz, 28 V ≤ VI ≤ 38 V) 50 − − (IO = 300 mA, f = 120 Hz, 28 V ≤ VI ≤ 38 V, TJ = 25°C) 50 70 − Dropout Voltage VI−VO − 2.0 − Vdc (TJ = 25°C) Short Circuit Current Limit (TJ = 25°C) IOS − 50 − mA Average Temperature Coefficient of Output Voltage DVO/DT − ±0.5 − mV/ °C (IO = 5.0 mA) Peak Output Current IO − 700 − mA (TJ = 25°C) 6. Tlow =0°C for MC78MxxAC, C Thigh = +125°C for MC78MxxAB, AC, B, C = −40 °C for MC78MxxAB, B |
유사한 부품 번호 - MC78M20BT |
|
유사한 설명 - MC78M20BT |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |