전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PMICTLF30681QVS01 데이터시트(PDF) 11 Page - Infineon Technologies AG

부품명 PMICTLF30681QVS01
상세설명  Power management IC
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PMICTLF30681QVS01 데이터시트(HTML) 11 Page - Infineon Technologies AG

Back Button PMICTLF30681QVS01 Datasheet HTML 7Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 8Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 9Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 10Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 11Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 12Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 13Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 14Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
Pin
Symbol Function
32
TM1
Test mode 1:
Not for customer use. Leave this pin floating in the application.
33
MPS
Microcontroller programming mode
Connect this pin to ground for normal operation in the application. Optionally the pin
can be used for microcontroller programming purposes, see Application information.
34
IOVDD
I/O supply voltage:
Connect this pin to the I/O supply voltage of the microcontroller.
Add a decoupling capacitor.
35
SYNCO Synchronization output:
Optional: Connect this pin to an external switch-mode post-regulator synchronization
input. This pin delivers the internal switching frequency signal, either in phase or
shifted by 180°, depending on the settings via SPI. The switch-mode post-regulator
synchronizes to the rising edge.
If this pin is not used, then leave it floating.
36
SYNCI
Synchronization input:
Connect this pin to an optional external synchronization signal to synchronize the
switching of the internal switch-mode regulators. The feature needs to be enabled via
SPI.
If the pin is not used, then leave it floating.
37
SDO
Serial peripheral interface, signal data output:
SPI signalling port;
connect this pin to the SPI port "data input" of the microcontroller to send status
information during SPI communication.
38
SDI
Serial peripheral interface, signal data input:
SPI signalling port;
connect this pin to the SPI port "data input" of the microcontroller to receive status
information during SPI communication.
39
SCL
Serial peripheral interface, signal clock input:
SPI signalling port;
connect this pin to the SPI port "clock" of the microcontroller to clock the device for SPI
communication.
40
SCS
Serial peripheral interface, signal chip select:
SPI signalling port;
connect this pin to the SPI port "chip select" of the microcontroller to address the
device for SPI communication.
41
ROT
Reset output:
Open drain structure with internal pull up resistor.
"Low" indicates a reset event for the microcontroller.
Connect this pin to the microcontroller reset input.
42
INT
Interrupt output:
OPTIREGPMIC TLF30681QVS01
Power management IC
Pin configuration
Datasheet
11
Rev. 1.0
2020-04-08


유사한 부품 번호 - PMICTLF30681QVS01

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PMICFS NXP-PMICFS Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
More results

유사한 설명 - PMICTLF30681QVS01

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com