전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PMICTLF30681QVS01 데이터시트(PDF) 13 Page - Infineon Technologies AG

부품명 PMICTLF30681QVS01
상세설명  Power management IC
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PMICTLF30681QVS01 데이터시트(HTML) 13 Page - Infineon Technologies AG

Back Button PMICTLF30681QVS01 Datasheet HTML 9Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 10Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 11Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 12Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 13Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 14Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 15Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 16Page - Infineon Technologies AG PMICTLF30681QVS01 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 133 page
background image
3
General product characteristics
3.1
Absolute maximum ratings
Table 1
Absolute maximum ratings1)
Tj = -40°C to 150°C; all voltages with respect to ground, positive current flowing into pin, (unless otherwise
specified)
Parameter
Symbol
Values
Unit Note or condition
Number
Min.
Typ.
Max.
Pin
MPS
VMPS
-0.3
6.0
V
P_3.1.1
IOVDD
VIOVDD
-0.3
6.0
V
P_3.1.2
SCS
VSCS
-0.3
6.0
V
P_3.1.3
SCL
VSCL
-0.3
6.0
V
P_3.1.4
SDI
VSDI
-0.3
6.0
V
P_3.1.5
SDO
VSDO
-0.3
6.0
V
P_3.1.6
WDI
VWDI
-0.3
6.0
V
P_3.1.7
INT
VINT
-0.3
6.0
V
P_3.1.10
AG1
VAG1
-0.3
0.3
V
P_3.1.13
AG2
VAG2
-0.3
0.3
V
P_3.1.14
AG3
VAG3
-0.3
0.3
V
P_3.1.15
AG4
VAG4
-0.3
0.3
V
P_3.1.16
AG5
VAG5
-0.3
0.3
V
P_3.1.17
AG6
VAG6
-0.3
0.3
V
P_3.1.18
SYNCI
VSYNCI
-0.3
6.0
V
P_3.1.19
SYNCO
VSYNCO
-0.3
6.0
V
P_3.1.20
TM1
VTM1
-0.3
6.0
V
P_3.1.22
ENA
VENA
-0.3
35
V
2)
P_3.1.23
ENA
IENA
-5.0
mA –
P_3.1.24
R1BTS
VR1BTS
VR1SWx - 0.3 –
VR1SWx + 6.0 V
P_3.1.25
R1BTSV
VR1BTSV
-0.3
6.0
V
P_3.1.26
R1VS1
VR1VS1
-0.3
35
V
2)
P_3.1.27
R1VS2
VR1VS2
-0.3
35
V
2)
P_3.1.28
1
Not subject to production test, specified by design.
2
Maximum rating is extended to 40 V for an overall time of 7 minutes during the lifetime of the product
(load dump requirement).
OPTIREGPMIC TLF30681QVS01
Power management IC
General product characteristics
Datasheet
13
Rev. 1.0
2020-04-08


유사한 부품 번호 - PMICTLF30681QVS01

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PMICFS NXP-PMICFS Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
More results

유사한 설명 - PMICTLF30681QVS01

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com