전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

2W10MG 데이터시트(PDF) 1 Page - HY ELECTRONIC CORP.

부품명 2W10MG
부품 상세설명  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HY [HY ELECTRONIC CORP.]
홈페이지  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

2W10MG 데이터시트(HTML) 1 Page - HY ELECTRONIC CORP.

  2W10MG Datasheet HTML 1Page - HY ELECTRONIC CORP. 2W10MG Datasheet HTML 2Page - HY ELECTRONIC CORP. 2W10MG Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
WOB
WOBM
Glass passivated chip
RoHS
Reliable low cost construction utilizing
COMPLIANT
molded plastic technique
Lead tin plated copper
Meet UL flammability classification 94V-0
Mechanical Data
Polarity: Symbol marked on body
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
General purpose use in AC/DC bridge full wave rectification,
for SMPS, lighting ballaster, adapter, etc.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
2W005G
2W01G
2W02G
2W04G
2W06G
2W08G
2W10G
2W005MG 2W01MG 2W02MG 2W04MG 2W06MG 2W08MG 2W10MG
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current @TA=25 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2t
A
2s
Peak Forward Voltage per Diode at 2.0A DC
VF
V
Maximum DC Reverse Current at Rated @TJ=25℃
μA
DC Blocking Voltage per Diode @TJ=100℃
mA
Typical Junction Capacitance (Note1)
CJ
pF
Operating Junction Temperature Range
TJ
Storage Temperature Range
TSTG
2W*G/2W*MG-B-00/99-00/01
Rev. 11, 18-May-2020
10.0
1.0
Characteristics
Symbol
IFSM
IR
Unit
A
60
30
-55 to +150
-55 to +150
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2.The typical data above is for reference only .
2.0
2WOXG/2WOXMG SERIES
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
High surge forward current capability
1.1
Package Outline Dimensions in Inches (Millimeters)
Pb
Glass Passivated Bridge Rectifiers
15.0


유사한 부품 번호 - 2W10MG

제조업체부품명데이터시트부품 상세설명
Surge Components
Surge Components
2W10M SURGE-2W10M Datasheet
123Kb / 2P
   SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS????
Shunye Enterprise
Shunye Enterprise
2W10M SHUNYE-2W10M Datasheet
239Kb / 2P
   SILICON BRIDGE RECTIFIERS
Taiwan Semiconductor Company, Ltd
Taiwan Semiconductor Co...
2W10M TSC-2W10M Datasheet
75Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
DONGGUAN YOU FENG WEI E...
2W10M YFWDIODE-2W10M Datasheet
295Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
Taiwan Semiconductor Company, Ltd
Taiwan Semiconductor Co...
2W10M TSC-2W10M Datasheet
262Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
More results

유사한 설명 - 2W10MG

제조업체부품명데이터시트부품 상세설명
HY ELECTRONIC CORP.
HY ELECTRONIC CORP.
GBP2005 HY-GBP2005 Datasheet
43Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
GBU4005 HY-GBU4005 Datasheet
39Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
Fairchild Semiconductor
Fairchild Semiconductor
W005G FAIRCHILD-W005G_01 Datasheet
46Kb / 3P
   Bridge Rectifiers (Glass Passivated)
GOOD-ARK Electronics
GOOD-ARK Electronics
BR10005SG GOOD-ARK-BR10005SG Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
GBPC-W15005 GOOD-ARK-GBPC-W15005 Datasheet
89Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
MP6005G GOOD-ARK-MP6005G Datasheet
91Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
MP10005G GOOD-ARK-MP10005G Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
HY ELECTRONIC CORP.
HY ELECTRONIC CORP.
KBU35005G HY-KBU35005G Datasheet
88Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
MB05M HY-MB05M Datasheet
96Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
TBL005G HY-TBL005G Datasheet
98Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
TBU6005G HY-TBU6005G Datasheet
90Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1  2  3 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz