전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-5150-100 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard)

부품명 HCPL-5150-100
상세설명  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5150-100 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-5150-100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5150-100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Electrical Specifications (DC)
Over recommended operating conditions (TA = -55 to +125°C, IF(ON) = 10 to 18 mA, VF(OFF) = -3.0 to 0.8V, VCC = 15 to 30 V,
VEE = Ground) unless otherwise specified.
Parameter
Symbol
Test Conditions
Group A
Subgroups
(13)
Limits
Units
Fig.
Note
Min.
Typ.*
Max.
High Level
Output Current
IOH
VO = (VCC − 4 V)
1, 2, 3
0.1
0.4
A
2, 3, 17
2
VO = (VCC − 15 V)
0.5
1
Low Level
Output Current
IOL
VO = (VEE + 2.5 V)
1, 2, 3
0.1
0.6
A
5, 6, 18
2
VO = (VEE + 15 V)
0.5
1
High Level
Output Voltage
VOH
IO = -100 mA
1, 2, 3
(VCC − 4) (VCC − 3)
V
1, 3, 19
3, 4
Low Level
Output Voltage
VOL
IO = 100 mA
1, 2, 3
0.4
1.0
V
4, 6, 20
High Level
Supply Current
ICCH
Output Open,
IF = 10 to 18 mA
1, 2, 3
2.5
5.0
mA
7, 8
Low Level
Supply Current
ICCL
Output Open,
VF = -3.0 to +0.8V
1, 2, 3
2.7
5.0
mA
Threshold Input Cur-
rent Low to High
IFLH
IO = 0 mA,
VO > 5 V
1, 2, 3
2.6
9.0
mA
9, 15,
21
Threshold Input
Voltage High to Low
VFHL
1, 2, 3
0.8
V
Input Forward
Voltage
VF
IF = 10 mA
1, 2, 3
1.2
1.5
1.8
V
16
Temperature
Coefficient of
Forward Voltage
∆VF/∆TA
IF = 10 mA
-1.6
mV/
°C
Input Reverse
Breakdown Voltage
BVR
IR = 10 µA
1, 2, 3
5
V
Input Capacitance
CIN
f = 1 MHz,
VF = 0 V
80
pF
UVLO Threshold
VUVLO+
VO > 5 V,
IF = 10 mA
1, 2, 3
11.0
12.3
13.5
V
22, 37
VUVLO-
1, 2, 3
9.5
10.7
12.0
UVLO Hysteresis
UVLOHYS
1.6
*All typical values at TA = 25°C and VCC − VEE = 30 V, unless otherwise noted.


유사한 부품 번호 - HCPL-5150-100

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results

유사한 설명 - HCPL-5150-100

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com