전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJ11030 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MJ11030
상세설명  COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11030 데이터시트(HTML) 2 Page - ON Semiconductor

  MJ11030 Datasheet HTML 1Page - ON Semiconductor MJ11030 Datasheet HTML 2Page - ON Semiconductor MJ11030 Datasheet HTML 3Page - ON Semiconductor MJ11030 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ11028 MJ11030 MJ11032 MJ11029 MJ11031 MJ11033
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (1)
MJ11028, MJ11029
(IC = 1 00 mAdc, IB = 0)
MJ11030, MJ11031
MJ11032, MJ11033
V(BR)CEO
60
90
120
Vdc
Collector–Emitter Leakage Current
(VCE = 60 Vdc, RBE = 1 k ohm)
MJ11028, MJ11029
(VCE = 90 Vdc, RBE = 1 k ohm)
MJ11030, MJ11031
(VCE = 120 Vdc, RBE = 1 k ohm)
MJ11032, MJ11033
(VCE = 60 Vdc, RBE = 1 k ohm, TC = 150_C)
MJ11028, MJ11029
(VCE = 90 Vdc, RBE = 1 k ohm, TC = 150_C)
MJ11030, MJ11031
(VCE = 120 Vdc, RBE = 1 k ohm, TC = 150_C)
MJ11032, MJ11033
ICER
2
2
2
10
10
10
mAdc
Emitter Cutoff Current (VBE = 5 Vdc, IC = 0)
IEBO
5
mAdc
Collector–Emitter Leakage Current (VCE = 50 Vdc, IB = 0)
ICEO
2
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 25 Adc, VCE = 5 Vdc)
(IC = 50 Adc, VCE = 5 Vdc)
hFE
1 k
400
18 k
Collector–Emitter Saturation Voltage
(IC = 25 Adc, IB = 250 mAdc)
(IC = 50 Adc, IB = 500 mAdc)
VCE(sat)
2.5
3.5
Vdc
Base–Emitter Saturation Voltage
(IC = 25 Adc, IB = 200 mAdc)
(IC = 50 Adc, IB = 300 mAdc)
VBE(sat)
3.0
4.5
Vdc
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
100
0.2
Figure 2. DC Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
0.5
1
2
5
10
20
50
200
20
10
5
50
2
1
0.5
0.2
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
SECOND BREAKDOWN LIMITED
MJ11028, 29
MJ11030, 31
MJ11032, 33
100
There are two limitations on the power–handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 2 is based on TJ(pk) = 200_C; TC is
variable depending on conditions. At high case tempera-
tures, thermal limitations will reduce the power that can be
handled to values less than the limitations imposed by se-
cond breakdown.
IC, COLLECTOR CURRENT (AMP)
100 k
IC, COLLECTOR CURRENT (AMP)
50 k
20 k
10 k
5 k
2 k
500
Figure 3. DC Current Gain
1
2
5
10
100
20
50
Figure 4. “On” Voltage
100
VCE = 5 V
TJ = 25°C
1 k
200
MJ11029, MJ11031, MJ11033 PNP
MJ11028, MJ11030, MJ11032 NPN
5
4
3
2
1
1
2
5
10
100
20
50
0
3
TJ = 25°C
IC/IB = 100
VBE(sat)
80
µs
(PULSED)
MJ11029, MJ11031, MJ11033 PNP
MJ11028, MJ11030, MJ11032 NPN
80
µs
(PULSED)
VCE(sat)


유사한 부품 번호 - MJ11030

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
MJ11030 MOSPEC-MJ11030 Datasheet
154Kb / 3P
   POWER TRANSISTOR(50A,60-120V,300W)
logo
Motorola, Inc
MJ11030 MOTOROLA-MJ11030 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
Seme LAB
MJ11030 SEME-LAB-MJ11030 Datasheet
59Kb / 2P
   COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
MJ11030 ONSEMI-MJ11030 Datasheet
68Kb / 4P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
logo
Inchange Semiconductor ...
MJ11030 ISC-MJ11030 Datasheet
51Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

유사한 설명 - MJ11030

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com