전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE9271QX 데이터시트(PDF) 75 Page - Infineon Technologies AG

부품명 TLE9271QX
상세설명  High-End System Basis Chip Family
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9271QX 데이터시트(HTML) 75 Page - Infineon Technologies AG

Back Button TLE9271QX Datasheet HTML 71Page - Infineon Technologies AG TLE9271QX Datasheet HTML 72Page - Infineon Technologies AG TLE9271QX Datasheet HTML 73Page - Infineon Technologies AG TLE9271QX Datasheet HTML 74Page - Infineon Technologies AG TLE9271QX Datasheet HTML 75Page - Infineon Technologies AG TLE9271QX Datasheet HTML 76Page - Infineon Technologies AG TLE9271QX Datasheet HTML 77Page - Infineon Technologies AG TLE9271QX Datasheet HTML 78Page - Infineon Technologies AG TLE9271QX Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 126 page
background image
TLE9271QX
Interrupt Function
Datasheet
75
Rev.1.5
2019-09-27
11.2
Electrical Characteristics
Table 17
Interrupt Output
Tj = -40 °C to +150 °C; VS = 5.5 V to 28 V; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Interrupt output; Pin INT
INT HIGH Output Voltage VINT,H
0.8 ×
VCC1
––
V
IINT = -2 mA;
INT = OFF
P_11.2.1
INT LOW Output Voltage
VINT,L
0.2 ×
VCC1
V
IINT = 2 mA;
INT = ON
P_11.2.2
INT Pulse Width
tINT
100
µs
1)
1) Not subject to production test; tolerance defined by internal oscillator tolerance.
P_11.2.3
INT Pulse Minimum Delay
Time
tINTD
100
µs
1) between
consecutive pulses
P_11.2.4


유사한 부품 번호 - TLE9271QX

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE9271QXV33 INFINEON-TLE9271QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
More results

유사한 설명 - TLE9271QX

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE9273QX INFINEON-TLE9273QX Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9273QXV33 INFINEON-TLE9273QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9271QXV33 INFINEON-TLE9271QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9272QXV33 INFINEON-TLE9272QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9274QX INFINEON-TLE9274QX Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9274QXV33 INFINEON-TLE9274QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9272QX INFINEON-TLE9272QX Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9263BQX INFINEON-TLE9263BQX Datasheet
5Mb / 175P
   System Basis Chip Mid-Range System Basis Chip Family
Rev. 1.1 2019-09-27
TLE9261-3QXV33 INFINEON-TLE9261-3QXV33 Datasheet
7Mb / 186P
   Mid-Range System Basis Chip Family
Rev. 1.1, 2014-10-23
TLE9260-3QXV33 INFINEON-TLE9260-3QXV33 Datasheet
6Mb / 174P
   Mid-Range System Basis Chip Family
Rev. 1.1, 2014-10-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com