전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS39103CP53.3 데이터시트(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

부품명 TS39103CP53.3
상세설명  1.0A Ultra Low Dropout Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39103CP53.3 데이터시트(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39103CP53.3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39103CP53.3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39103CP53.3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39103CP53.3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39103CP53.3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39103CP53.3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39103CP53.3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39103CP53.3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39103CP53.3 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TS39100/1/2/3
9-10
2004/06 rev. E
SOT-223 Mechanical Drawing
G
H
E
D
F
C
A
B
J
K
I
SOT-223 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.350
6.850
0.250
0.270
B
2.900
3.100
0.114
0.122
C
3.450
3.750
0.136
0.148
D
0.595
0.635
0.023
0.025
E
4.550
4.650
0.179
0.183
F
2.250
2.350
0.088
0.093
G
0.835
1.035
0.032
0.041
H
6.700
7.300
0.263
0.287
I
0.250
0.355
0.010
0.014
J
10°
16°
10°
16°
K
1.550
1.800
0.061
0.071
TO-252 Mechanical Drawing
B
C
D
A
F
G
I
H
E
J
TO-252 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.570
6.840
0.259
0.269
B
9.250
10.400
0.364
0.409
C
0.550
0.700
0.022
0.028
D
2.560
2.670
0.101
0.105
E
2.300
2.390
0.090
0.094
F
0.490
0.570
0.019
0.022
G
1.460
1.580
0.057
0.062
H
0.520
0.570
0.020
0.022
I
5.340
5.550
0.210
0.219
J
1.460
1.640
0.057
0.065


유사한 부품 번호 - TS39103CP53.3

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS39103CP533RO TSC-TS39103CP533RO Datasheet
425Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

유사한 설명 - TS39103CP53.3

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com