전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R-733.3P 데이터시트(PDF) 5 Page - Recom International Power

부품명 R-733.3P
상세설명  INNOLINE DC/DC-Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECOM [Recom International Power]
홈페이지  http://www.recom-international.com
Logo RECOM - Recom International Power

R-733.3P 데이터시트(HTML) 5 Page - Recom International Power

  R-733.3P Datasheet HTML 1Page - Recom International Power R-733.3P Datasheet HTML 2Page - Recom International Power R-733.3P Datasheet HTML 3Page - Recom International Power R-733.3P Datasheet HTML 4Page - Recom International Power R-733.3P Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.recom-international.com
5
24-August-2005
R-7xxxP_D
Series
Table 1: Adjustment Resistor Values
2A DC
R-723.3P/D
R-725.0P/D
R-726.5P/D
R-729.0P/D
R-7212P/D
R-7215P/D
3A DC
R-733.3P/D
R-735.0P/D
R-736.5P/D
R-739.0P/D
R-7312P/D
R-7315P/D
4A DC
R-743.3P/D
R-745.0P/D
R-746.5P/D
-
-
-
Vout (nominal)
3.3VDC
5.0VDC
6.5VDC
9.0VDC
12VDC
15VDC
Vout (adj)
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
2.5
8.5K
3.0
33K
470
3.2
110K
1.6K
3.3
2.2K
3.4
36K
3.0K
3.6
11K
4.7K
3.9
4.7K
8.5K
4.5
1.6K
30K
4.9
820
220K
5.0
680
11K
5.1
560
28K
12K
5.5
190
2.6K
20K
6.0
47K
6.5
7.0
560
13K
8.0
330
31K
9.0
10
2.2K
20K
11
390
47K
12
13
2.4K
36K
14
390
76K
15
16
2.6K
17
860
18
INNOLINE
DC/DC-Converter


유사한 부품 번호 - R-733.3P

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-733.3P RECOM-R-733.3P Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-733.3P RECOM-R-733.3P Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
More results

유사한 설명 - R-733.3P

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R05TR244872 RECOM-R05TR244872 Datasheet
97Kb / 3P
   INNOLINE DC/DC-Converter
R-611.8P RECOM-R-611.8P Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R-521.2PA RECOM-R-521.2PA Datasheet
110Kb / 6P
   INNOLINE DC/DC-Converter
R12-180S15P RECOM-R12-180S15P Datasheet
83Kb / 2P
   INNOLINE DC/DC-Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com