์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

741C083101J ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - List of Unclassifed Manufacturers

๋ถ€ํ’ˆ๋ช… 741C083101J
์ƒ์„ธ๋‚ด์šฉ  THICK FILM CHIP RESISTORS ARRAYS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ETC1 [List of Unclassifed Manufacturers]
ํ™ˆํŽ˜์ด์ง€  
Logo 

741C083101J ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 1 / 4 page
background image
R
Series 741, 742, 743, 744, 745, 746
Technical
THICK FILM CHIP
RESISTOR ARRAYS
* High density packaging
* Leadless surface mount construction
* Low cost
* Solder coated nickel barrier pads
* Convex or Concave Termination Options
* Tape & reel packaging
Electrical and Mechanical Specifications
Resistance Tolerance
Special: ยฑ2% and ยฑ1%
Temperature Coefficient (TCR)
Standard ยฑ200ppm/ยฐC
Operating Temperature Range
-55ยฐC to +125ยฐC
CTS CORPORATION / Around The World, Your Single Source For Excellence
Series
70ยฐC Power
Per Resistor *
Maximum
Operating
Voltage
Resistance
Range Ohms
PCB Area (inยฒ)
Per Resistor
Circuit
Type
742
.0037
Isolated
10 - 1M
.063W
50V
743
.0071
Isolated
10 - 1M
.100W
100V
744
.0094
Isolated
10 - 1M
.125W
200V
746
.0013
Bussed
33 - 100K
.031W
25V
* High Density Packaging
Up to 30% less space per resistor than 0603 chip resistors
Up to 75% less space per resistor than 0805 chip resistors
* Placement Efficiency
Networks require fewer placements than discrete components
Larger overall size eases handling compared to discrete components
* Low Profile
Can be used in PCMCIA cards
* Perfect solution for DRAM series termination or Pull up/down signal bias.
* Isolated and bussed circuits
Whichever is greater
Standard: ยฑ5% or 0.5 Ohms
Chip Array Product Benefits
745
.0058
Bussed
33 - 470K
.063W
50V
* Note: Total Rated Package Power equals total
number of resistors times rated Power Per Resistor
741
.0015
Isolated
10 - 1M
.063W
25V
8/05/02


Html Pages

1  2  3  4 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
DCRCWThick Film Rectangular Chip Resistors 1 2 3 4 5 MoreVishay Siliconix
KTR18Endured high voltage fixed thick film chip resistors 1 2 3 4 5 MoreRohm
CR2512TAD THICK FILM CHIP RESISTORS 1 2 3 4 List of Unclassifed Manufacturers
ERJ1GEYJThick Film Chip Resistors 1 2 3 4 Panasonic Semiconductor
CAT25Thick Film Chip Resistor Arrays 1 2 Bourns Electronic Solutions
CR10220THICK FILM CHIP RESISTORS 1 2 3 4 List of Unclassifed Manufacturers
TA203PAPower Chip Resistors Thick Film on Alumina Substrate 1 List of Unclassifed Manufacturers
RCWPMThick Film Chip Resistors Military/Established Reliability MIL-PRF-55342 Qualified Type RM 1 2 Vishay Siliconix
RV2012J100THICK FILM CHIP RESISTORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn