전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TT8J2TR 데이터시트(PDF) 1 Page - Rohm

부품명 TT8J2TR
부품 상세설명  -30V Pch Pch Middle Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

TT8J2TR 데이터시트(HTML) 1 Page - Rohm

  TT8J2TR Datasheet HTML 1Page - Rohm TT8J2TR Datasheet HTML 2Page - Rohm TT8J2TR Datasheet HTML 3Page - Rohm TT8J2TR Datasheet HTML 4Page - Rohm TT8J2TR Datasheet HTML 5Page - Rohm TT8J2TR Datasheet HTML 6Page - Rohm TT8J2TR Datasheet HTML 7Page - Rohm TT8J2TR Datasheet HTML 8Page - Rohm TT8J2TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TT8J2
  -30V Pch + Pch Middle Power MOSFET
  
Datasheet
l
lOutline
VDSS
-30V
TSST8
           
RDS(on)(Max.)
84mΩ
 
ID
±2.5A
 
 
PD
1.25W
 
 
           
           
l
lFeatures
l
lInner circuit
1) Low on - resistance.
2) High power package.
3) Low voltage drive(4V).
4) Built-in G-S Protection Diode.
5) Pb-free lead plating ; RoHS compliant
l
lPackaging specifications
Type
Packing
Embossed
Tape
l
lApplication
Reel size (mm)
180
Switching
Tape width (mm)
8
Basic ordering unit (pcs)
3000
Taping code
TR
Marking
J02
l
lAbsolute maximum ratings (Ta = 25°C) <It is the same ratings for the Tr1 and Tr2>
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
-30
V
Continuous drain current
ID
±2.5
A
Pulsed drain current
ID,pulse*1
±10
A
Gate - Source voltage
VGSS
±20
V
Power dissipation
total
PD*2
1.25
W
element
1.0
total
PD*3
0.6
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/11
20150730 - Rev.001
 
   
 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn