์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM29LV065M ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - Advanced Micro Devices

๋ถ€ํ’ˆ๋ช… AM29LV065M
์ƒ์„ธ๋‚ด์šฉ  64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  AMD [Advanced Micro Devices]
ํ™ˆํŽ˜์ด์ง€  http://www.amd.com
Logo 

AM29LV065M ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - Advanced Micro Devices

Zoom Inzoom in Zoom Outzoom out
/ 11 page
 6 / 11 page
background image
6
Am29LV065M
ADV ANCE
I N FO RMAT I O N
PIN DESCRIPTION
A22โ€“A0
= 23 Address inputs
DQ7โ€“DQ0
= 8 Data inputs/outputs
CE#
= Chip Enable input
OE#
= Output Enable input
WE#
= Write Enable input
ACC
= Acceleration input
RESET#
= Hardware Reset Pin input
RY/BY#
= Ready/Busy output
V
CC
= 3.0 volt-only single power supply
(see Product Selector Guide for
speed options and voltage
supply tolerances)
V
IO
= Output Buffer power
V
SS
= Device Ground
NC
= Pin Not Connected Internally
LOGIC SYMBOL
23
8
DQ7โ€“DQ0
A22โ€“A0
CE#
OE#
WE#
RESET#
RY/BY#
ACC
V
IO


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
AM29LV033MU32 Megabit 4 M x 8-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV065D64 Megabit 8 M x 8-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV256M256 Megabit 16 M x 16-Bit/32 M x 8-Bit MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV2562M512 Megabit 16 M x 32-Bit/32 M x 16-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreSPANSION
AM29LV652D128 Megabit 16 M x 8-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control 1 2 3 4 5 MoreSPANSION
AM29LV128MH128 Megabit 8 M x 16-Bit/16 M x 8-Bit MirrorBitโ„ข 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV640D64 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV640MU64 Megabit 4 M x 16-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV642D128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV033C32 Megabit 4 M x 8-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn