전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV065MU110E 데이터시트(PDF) 3 Page - Advanced Micro Devices

부품명 AM29LV065MU110E
상세설명  64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU110E 데이터시트(HTML) 3 Page - Advanced Micro Devices

  AM29LV065MU110E Datasheet HTML 1Page - Advanced Micro Devices AM29LV065MU110E Datasheet HTML 2Page - Advanced Micro Devices AM29LV065MU110E Datasheet HTML 3Page - Advanced Micro Devices AM29LV065MU110E Datasheet HTML 4Page - Advanced Micro Devices AM29LV065MU110E Datasheet HTML 5Page - Advanced Micro Devices AM29LV065MU110E Datasheet HTML 6Page - Advanced Micro Devices AM29LV065MU110E Datasheet HTML 7Page - Advanced Micro Devices AM29LV065MU110E Datasheet HTML 8Page - Advanced Micro Devices AM29LV065MU110E Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Am29LV065M
3
ADV ANCE
I N FO RMAT I O N
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Part Number
Am29LV065M
Speed
Option
VCC = 3.0–3.6 V
90R
(V
IO = 3.0–3.6 V)
VCC = 2.7–3.6 V
101
(V
IO = 2.7–3.6 V)
112
(V
IO = 1.65–3.6 V)
120
(V
IO = 1.65–3.6 V)
Max. Access Time (ns)
90
100
110
120
Max. CE# Access Time (ns)
90
100
110
120
Max. Page access time (t
PACC)
253040
40
Max. OE# Access Time (ns)
25
30
40
40
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
V
CC Detector
State
Control
Command
Register
V
CC
V
SS
V
IO
WE#
ACC
CE#
OE#
STB
STB
DQ0
DQ7
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A22–A0


유사한 부품 번호 - AM29LV065MU110E

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV065MU110EF AMD-AM29LV065MU110EF Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV065MU110EI AMD-AM29LV065MU110EI Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results

유사한 설명 - AM29LV065MU110E

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV065MU AMD-AM29LV065MU Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV033MU AMD-AM29LV033MU Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com