전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9450 데이터시트(PDF) 39 Page - NXP Semiconductors

부품명 PCA9450
상세설명  Power management IC for i.MX 8M application processor family
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9450 데이터시트(HTML) 39 Page - NXP Semiconductors

Back Button PCA9450 Datasheet HTML 35Page - NXP Semiconductors PCA9450 Datasheet HTML 36Page - NXP Semiconductors PCA9450 Datasheet HTML 37Page - NXP Semiconductors PCA9450 Datasheet HTML 38Page - NXP Semiconductors PCA9450 Datasheet HTML 39Page - NXP Semiconductors PCA9450 Datasheet HTML 40Page - NXP Semiconductors PCA9450 Datasheet HTML 41Page - NXP Semiconductors PCA9450 Datasheet HTML 42Page - NXP Semiconductors PCA9450 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
NXP Semiconductors
PCA9450
Power management IC for i.MX 8M application processor family
PCA9450
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 1.0 — 19 November 2019
39 / 96
8.2.17 0x11 BUCK1OUT_DVS0
BUCK1 DVS output voltage at PMIC_STBY_REQ = L
Table 37. 0x11 BUCK1OUT_DVS0
0x11 – BUCK1OUT_DVS0
Reset Type
O
Bit
Name
Type
Reset Description
7
RSVD
R/W
0
Reserved
6:0
B1_DVS0
R/W
001
0100
BUCK1 DVS0 Output voltage
Programmable from 0.60 V to 2.1875 V in 12.5 mV step. Table 12
Default = 0.85 V
8.2.18 0x12 BUCK1OUT_DVS1
BUCK1 DVS output voltage at PMIC_STBY_REQ = H
Table 38. 0x12 BUCK1OUT_DVS1
0x12 – BUCK1OUT_DVS1
Reset Type
O
Bit
Name
Type
Reset Description
7
RSVD
R/W
0
Reserved
6:0
B1_DVS1
R/W
001
0100
BUCK1 DVS1 Output voltage
Programmable from 0.60 V to 2.1875 V in 12.5 mV step. Table 12
Default = 0.85 V
8.2.19 0x13 BUCK2CTRL
BUCK2 control register for Ramp, DVS control, Active discharge, FPWM and Enable.
Table 39. 0x13 BUCK2CTRL
0x13 – BUCK2CTRL
Reset Type
O
Bit
Name
Type
Reset Description
7:6
RAMP
R/W
01
BUCK2 DVS speed
00b = 25 mV / 1 μs
01b = 25 mV / 2 μs
10b = 25 mV / 4 μs
11b = 25 mV / 8 μs
5
RSVD
R/W
0
Reserved
4
DVS_CTRL
R/W
0
DVS Control configuration
0b = BUCK voltage is determined by BUCK2VOUT_DVS0 register
regardless of PMIC_STBY_REQ
1b = DVS control through PMIC_STBY_REQ
3
BUCK2AD
R/W
1
BUCK2 Active discharge
0b = Always disable Active discharge resistor
1b = Enable Active discharge resistor when regulator is OFF
2
FPWM
R/W
0
Forced PWM mode
0b = Automatic PFM and PWM mode transition
1b = Forced PWM mode


유사한 부품 번호 - PCA9450

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PCA9450 NXP-PCA9450 Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PCA9450 NXP-PCA9450 Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AA NXP-PCA9450AA Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AAHN NXP-PCA9450AAHN Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AAHNY NXP-PCA9450AAHNY Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
More results

유사한 설명 - PCA9450

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PCA9450 NXP-PCA9450_V01 Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
logo
Texas Instruments
TPS6521825 TI1-TPS6521825 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
TPS6521825 TI1-TPS6521825_V01 Datasheet
1Mb / 109P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
logo
NXP Semiconductors
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
NXP Semiconductors
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com