전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JN5189 데이터시트(PDF) 53 Page - NXP Semiconductors

부품명 JN5189
상세설명  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 데이터시트(HTML) 53 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 49Page - NXP Semiconductors JN5189 Datasheet HTML 50Page - NXP Semiconductors JN5189 Datasheet HTML 51Page - NXP Semiconductors JN5189 Datasheet HTML 52Page - NXP Semiconductors JN5189 Datasheet HTML 53Page - NXP Semiconductors JN5189 Datasheet HTML 54Page - NXP Semiconductors JN5189 Datasheet HTML 55Page - NXP Semiconductors JN5189 Datasheet HTML 56Page - NXP Semiconductors JN5189 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
53 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
[1]
Radio and Modem are powered off. FRO at 32 kHz, XO at 32 kHz and XO at 32 MHz are powered off.
FRO48M, FRO32M and FRO12M are on. Current consumption including FRO at 1 MHz, FRO at 192 MHz
and Flash read access. All unused peripheral clocks are disabled. All unused IOs are in input mode.
13.3 IO characteristics
Table 16.
Typical CPU current consumption characteristics
VBAT = 1.9 V to 3.6 V, Tamb = 25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
IDD
supply
current
Current consumption measured on VBAT; CPU core running
CoreMark from embedded Flash memory, system clock 12
MHz
[1]
1.9
mA
Current consumption measured on VBAT; CPU core running
CoreMark from embedded Flash memory, system clock 32
MHz
[1]
2.5
mA
Current consumption measured on VBAT; CPU core running
CoreMark from embedded Flash memory, system clock 48
MHz
[1]
2.9
mA
IDD(ADC)
ADC supply
current
Continuous single channel acquisition at 190 KSps
[1]
149.7
A
IDD(sintf)
SPI supply
current
SPI bus supply current; continuous transmit at 2 MHz SPI
CLK
[1]
282.7
A
IDD(DMA)
DMA supply
current
Continuous transfer memory to memory of buffer size 1024
bytes
[1]
367.9
A
Table 17.
IO characteristics
VDD = 1.9 V to 3.6 V, Tj = -40 °C to +125 °C, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
Rpu(int)(PIO)
Internal pull-up resistance on pins PIOx
[1]
40
50
60
k
Rpu(int)(RSTN)
Internal pull-up resistance on pin RSTN
40
50
60
k
Rpdn(int)(PIO)
Internal pull-down resistance on pins PIOx
[1]
40
50
60
k
IO
VIH
High-level input voltage
0.7 *
VDDE
VDDE
V
VIL
Low-level input voltage

0.27 *
VDDE
V
Output on pins PIO LS, with 1 mA load[2][4]
VOH
High-level output voltage
VDD = 3.6 V
3.4
VDDE
V
VDD = 3.0 V
2.8
VDDE
V
VDD = 2.4 V
2.2
VDDE
V
VDD = 1.9 V
1.65
VDDE
V
VOL
Low-level output voltage
0
0.4
V
Output on pins PIO LS, with 2 mA load[2][4]
VOH
High-level output voltage
VDD = 3.6 V
3.3
VDDE
V
VDD = 3.0 V
2.65
VDDE
V
VDD = 2.4 V
2
VDDE
V
VDD = 1.9 V
1.4
VDDE
V
VOL
Low-level output voltage
0
0.4
V


유사한 부품 번호 - JN5189

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

유사한 설명 - JN5189

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com