전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM8118 데이터시트(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM8118
상세설명  0.8A/40V Input竊?00kHz Synchronous Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8118 데이터시트(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8118 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Package Information
SOT-23-6L
D
b
e
e1
0.2
θ
c
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950(BSC)
0.037(BSC)
e1
1.800
2.000
0.071
0.079
L
0.300
0.600
0.012
0.024
θ
HM


유사한 부품 번호 - HM8118

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
HM8118 ETC1-HM8118 Datasheet
987Kb / 2P
   LCR Bridge
More results

유사한 설명 - HM8118

제조업체부품명데이터시트상세설명
logo
TECH PUBLIC Electronics...
TP6841S6 TECHPUBLIC-TP6841S6 Datasheet
2Mb / 9P
   40V 0.8A 800khz Synchronous Step-Dowm Converter
logo
SHANGHAI BELLING CO., L...
BL9341 BELLING-BL9341 Datasheet
8Mb / 8P
   600mA, 40V Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC5015A E-CMOS-EC5015A Datasheet
555Kb / 10P
   2A, 40V Synchronous Step-Down Converter
logo
Linear Technology
LTC3646 LINER-LTC3646_15 Datasheet
448Kb / 28P
   40V, 1A Synchronous Step-Down Converter
LTC3646-1 LINER-LTC3646-1_15 Datasheet
448Kb / 28P
   40V, 1A Synchronous Step-Down Converter
LTC3646 LINER-LTC3646 Datasheet
586Kb / 28P
   40V, 1A Synchronous Step-Down Converter
36461fc
logo
Shenzhen Huazhimei Semi...
HM2259D HMSEMI-HM2259D Datasheet
1Mb / 9P
   2A, 4.5V-20V Input竊?MHz Synchronous Step-Down Converter
HM1595 HMSEMI-HM1595 Datasheet
522Kb / 4P
   2A竊?0V Synchronous Rectified Step-Down Converter
logo
SHOUDING Shouding Semic...
SD8942 SHOUDING-SD8942 Datasheet
942Kb / 7P
   600KHz, 16V竊?A Synchronous Step-Down Converter
logo
List of Unclassifed Man...
MT2482 ETC1-MT2482 Datasheet
711Kb / 11P
   1.4MHz, 18V竊?A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com