전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM8840Q 데이터시트(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM8840Q
상세설명  Dual N-Channel Enhancement-Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8840Q 데이터시트(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8840Q Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8840Q Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8840Q Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8840Q Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8840Q Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8840Q Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8840Q Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6.
Package Outline Dimension
 
 
 
 
 
 
 
DFN5X2
 
 
 
HM


유사한 부품 번호 - HM8840Q

제조업체부품명데이터시트상세설명
logo
TT Electronics.
HM88 TTELEC-HM88 Datasheet
788Kb / 3P
   High Current Low Loss Sendust Surface Mount Inductors
HM88-10091R0LF TTELEC-HM88-10091R0LF Datasheet
788Kb / 3P
   High Current Low Loss Sendust Surface Mount Inductors
HM88-14121R0LF TTELEC-HM88-14121R0LF Datasheet
788Kb / 3P
   High Current Low Loss Sendust Surface Mount Inductors
logo
Shenzhen Huazhimei Semi...
HM8805 HMSEMI-HM8805 Datasheet
556Kb / 6P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATORS
logo
VBsemi Electronics Co.,...
HM8810A VBSEMI-HM8810A Datasheet
1Mb / 8P
   Dual N-Channel MOSFET
More results

유사한 설명 - HM8840Q

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com