전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SDA2045 데이터시트(PDF) 1 Page - HY ELECTRONIC CORP.

부품명 SDA2045
상세설명  Photovoltaic Solar Cell Protection Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HY [HY ELECTRONIC CORP.]
홈페이지  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SDA2045 데이터시트(HTML) 1 Page - HY ELECTRONIC CORP.

  SDA2045 Datasheet HTML 1Page - HY ELECTRONIC CORP. SDA2045 Datasheet HTML 2Page - HY ELECTRONIC CORP. SDA2045 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
TO-220AC
Low power loss, high efficiency
High current capability, low VF
RoHS
High surge capacity
COMPLIANT
Mechanical Data
Case: TO-220AC molded plastic
Polarity: As marked on the body
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
For use in solar cell junction box as a bypass diode
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Rectified Current @ Tc=170 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load ( JEDEC Method )
Peak Forward Voltage at 20A DC ( Note1 )
VF
V
Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25℃
Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=125℃
Typical Thermal Resistance Junction to Case
RθJc
℃/W
Junction Temperature Range
TJ
Storage Temperature Range
TSTG
SDA2045-U-00-00
Rev. 11, 18-May-2020
Photovoltaic Solar Cell Protection
Schottky Diode
45
400
SDA2045
20
IFSM
IR
mA
50
0.55
1.5
-55 to +200
-55 to +200
Notes: 1. 300uS pulse width, 2%duty cycle.
2. The typical data above is for reference only.
0.5
SDA2045
Reverse Voltage - 45 Volts
Forward Current - 20 Amperes
Pb
A
Package Outline Dimensions in Inches (Millimeters)
31.5
45


유사한 부품 번호 - SDA2045

제조업체부품명데이터시트상세설명
logo
HY ELECTRONIC CORP.
SDA2045A HY-SDA2045A Datasheet
330Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
More results

유사한 설명 - SDA2045

제조업체부품명데이터시트상세설명
logo
HY ELECTRONIC CORP.
15SQ045 HY-15SQ045_V01 Datasheet
356Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SQ1080 HY-SQ1080_V01 Datasheet
262Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SQ1280 HY-SQ1280_V01 Datasheet
262Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SQ1540 HY-SQ1540_V01 Datasheet
263Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SPA2045 HY-SPA2045 Datasheet
368Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SPB2045C HY-SPB2045C Datasheet
304Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SD2040 HY-SD2040_V01 Datasheet
312Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SD2040A HY-SD2040A_V01 Datasheet
311Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SDA2040 HY-SDA2040 Datasheet
312Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
25PV050 HY-25PV050_V01 Datasheet
307Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
20TQ045 HY-20TQ045 Datasheet
395Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com