전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ21062 데이터시트(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ21062
상세설명  BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

BQ21062 데이터시트(HTML) 32 Page - Texas Instruments

Back Button BQ21062 Datasheet HTML 28Page - Texas Instruments BQ21062 Datasheet HTML 29Page - Texas Instruments BQ21062 Datasheet HTML 30Page - Texas Instruments BQ21062 Datasheet HTML 31Page - Texas Instruments BQ21062 Datasheet HTML 32Page - Texas Instruments BQ21062 Datasheet HTML 33Page - Texas Instruments BQ21062 Datasheet HTML 34Page - Texas Instruments BQ21062 Datasheet HTML 35Page - Texas Instruments BQ21062 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
9.5 Register Map
The device 7-bit address I2C is 0x6B (shifted 8-bit address is 0xD6).
9.5.1 I2C Registers
Table 9-6 lists the memory-mapped registers for the I2C registers. All register offset addresses not listed in Table
9-6 should be considered as reserved locations and the register contents should not be modified.
Table 9-6. I2C Registers
Address
Acronym
Register Name
Section
0x0
STAT0
Charger Status 0
Go
0x1
STAT1
Charger Status 1
Go
0x2
STAT2
Status 2
Go
0x3
FLAG0
Charger Flags 0
Go
0x4
FLAG1
Charger Flags 1
Go
0x5
FLAG2
Flags 2
Go
0x6
FLAG3
Timer Flags
Go
0x7
MASK0
Interrupt Masks 0
Go
0x8
MASK1
Interrupt Masks 1
Go
0x9
MASK2
Interrupt Masks 2
Go
0xA
MASK3
Interrupt Masks 3
Go
0x12
VBAT_CTRL
Battery Voltage Control
Go
0x13
ICHG_CTRL
Fast Charge Current Control
Go
0x14
PCHRGCTRL
Pre-Charge Current Control
Go
0x15
TERMCTRL
Termination Current Control
Go
0x16
BUVLO
Battery UVLO and Current Limit Control
Go
0x17
CHARGERCTRL0
Charger Control 0
Go
0x18
CHARGERCTRL1
Charger Control 1
Go
0x19
ILIMCTRL
Input Corrent Limit Control
Go
0x1D
LDOCTRL
LDO Control
Go
0x30
MRCTRL
MR Control
Go
0x35
ICCTRL0
IC Control 0
Go
0x36
ICCTRL1
IC Control 1
Go
0x37
ICCTRL2
IC Control 2
Go
0x40
TS_READ
TS Read
Go
0x58
TS_FAULT_MEAS
TS Fault Measurement
Go
0x61
TS_FASTCHGCTRL
TS Charge Control
Go
0x62
TS_COLD
TS Cold Threshold
Go
0x63
TS_COOL
TS Cool Threshold
Go
0x64
TS_WARM
TS Warm Threshold
Go
0x65
TS_HOT
TS Hot Threshold
Go
0x6F
DEVICE_ID
Device ID
Go
Complex bit access types are encoded to fit into small table cells. Table 9-7 shows the codes that are used for
access types in this section.
BQ21062
SLUSE42 – JULY 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ21062


유사한 부품 번호 - BQ21062

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPR TI1-BQ21061YFPR Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPT TI1-BQ21061YFPT Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
More results

유사한 설명 - BQ21062

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ25157 TI-BQ25157 Datasheet
2Mb / 110P
[Old version datasheet]   BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com