전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ21062 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ21062
상세설명  BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

BQ21062 데이터시트(HTML) 10 Page - Texas Instruments

Back Button BQ21062 Datasheet HTML 6Page - Texas Instruments BQ21062 Datasheet HTML 7Page - Texas Instruments BQ21062 Datasheet HTML 8Page - Texas Instruments BQ21062 Datasheet HTML 9Page - Texas Instruments BQ21062 Datasheet HTML 10Page - Texas Instruments BQ21062 Datasheet HTML 11Page - Texas Instruments BQ21062 Datasheet HTML 12Page - Texas Instruments BQ21062 Datasheet HTML 13Page - Texas Instruments BQ21062 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
VIN = 5V, VBAT = 3.6V, -40°C < TJ < 125°C unless otherwise noted. Typical data at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBATUVLO
Battery undervoltage Lockout Threshold
Voltage
Programmable range, 150 mV Hysteresis
2.4
3
V
Accuracy
–3
3
%
Battery undervoltage Lockout Threshold
Voltage at Power Up
VBAT rising, VIN = 0V, TJ = 25°C
3.15
V
VSLP_ENT
RY
Sleep Entry Threshold (VIN - VBAT)
2.0V < VBAT < VBATREG, VIN falling
80
mV
VSLP_EXIT Sleep Exit Threshold (VIN - VBAT)
2.0V < VBAT < VBATREG
130
mV
VOVP
Input Supply Over Voltage Threshold
VIN rising
5.35
5.5
5.8
V
VIN falling (125mV hysteresis)
5.4
V
IBAT_OCP
Battery Over Current Threshold
Programmable range
IBAT_OCP increasing
1200
1600
mA
Current Limit Accuracy
–30
30
%
TSHUTDO
WN
Thermal shutdown trip point
125
°C
THYS
Thermal shutdown trip point hysteresis
15
°C
I2C INTERFACE (SCL and SDA)
I2C Frequency
100
400
kHz
VIL
Input Low threshold level
VPULLUP = VIO = 1.8V
0.25 *
VIO
V
VIH
Input High Threshold level
VPULLUP = VIO = 1.8V
0.75 *
VIO
V
VOL
Output Low threshold level
VPULLUP = VIO = 1.8V, ILOAD = 5mA
0.25 *
VIO
V
ILKG
High-level leakage Current
VPULLUP = VIO = 1.8V
1
µA
/MR INPUT
RPU
Internal pull up resistance
90
125
170
VIL
/MR Input Low threshold level
VBAT > VBUVLO
0.3
V
/INT, /PG OUTPUTS
VOL
Output Low threshold level
VPULLUP = VIO = 1.8V, ILOAD = 5mA
0.25 *
VIO
V
ILKG
/INT Hi level leakage Current
High Impedance, VPULLUP = VIO = 1.8V
1
µA
/CE, /LP INPUTS
RPDOWN /CE pull down resistance
900
VIL
Input Low threshold level
VIO = 1.8V
0.45
V
VIH
/CE Input High Threshold level
VIO = 1.8V
1.35
V
(1)
Based on Characterization Data
8.6 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY CHARGE TIMERS
tMAXCHG Charge safety timer
Programmable range
180
720
min
tPRECHG
Precharge safety timer
0.25 * tMAXCHG
WATCHDOG TIMERS
tWATCHDO
G_SW
SW Watchdog timer
25
50
s
tHW_RESE
T_WD
HW reset watchdog timer
WATCHDOG_15S_ENABLE = 1
15
s
LDO
BQ21062
SLUSE42 – JULY 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ21062


유사한 부품 번호 - BQ21062

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPR TI1-BQ21061YFPR Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPT TI1-BQ21061YFPT Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
More results

유사한 설명 - BQ21062

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ25157 TI-BQ25157 Datasheet
2Mb / 110P
[Old version datasheet]   BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com