전자부품 데이터시트 검색엔진 |
|
CC3130 데이터시트(PDF) 12 Page - Texas Instruments |
|
|
CC3130 데이터시트(HTML) 12 Page - Texas Instruments |
12 / 75 page Table 7-1. Pin Description and Attributes (continued) PIN DEFAULT FUNCTION DIGITAL I/O STATE AT RESET AND HIBERNA TE I/O TYPE(1) DESCRIPTION PAD_ CONFI G HOSTLES S MODE BLE COEX CC_COEX _ OUT CC_COEX _ IN 48 VDD_ANA1 - N/A N/A N/A Hi-Z Power Analog1 power supply input 49 VDD_RAM - N/A N/A N/A Hi-Z Power Power supply for the internal RAM 50 UART1_nRTS 0 - - - Hi-Z O UART host interface (active low) 51 RTC_XTAL_P - N/A N/A N/A Hi-Z Analog 32.768-kHz XTAL_P or external CMOS level clock input 52 RTC_XTAL_N 32 Y Y Y Hi-Z Analog 32.768-kHz XTAL_N or 100-kΩ external pullup for external clock 53 DIO30 30 Y Y Y Hi-Z – Network Scripter I/O 54 VIN_IO2 N/A N/A N/A Hi-Z Power I/O power supply. Same as battery voltage. 55 UART1_TX 1 - - - Hi-Z O UART host interface. Connect to test point on prototype for Flash programming. 56 VDD_DIG2 - N/A Hi-Z Power Digital power supply (1.2 V) 57 UART1_RX 2 - - - Hi-Z I UART host interface; connect to test point on prototype for Flash programming. 58 TEST_58 3 Y Y Y Hi-Z O Test signal; connect to an external test point. 59 TEST_60 4 Y Y Y Hi-Z O Test signal; connect to an external test point. 60 TEST_60 5 Y Y Y Hi-Z O Test signal; connect to an external test point. 61 UART1_nCTS 6 - - - Hi-Z I UART host interface (active low) 62 TEST_62 7 - - - Hi-Z O Test signal; connect to an external test point. 63 DIO8 8 Y Y Y Hi-Z Digital input or output 64 DIO9 9 Y Y Y Hi-Z – Digital input or output 65 GND - N/A N/A N/A – Power Ground tab used as thermal and electrical ground (1) I = input O = output RF = radio frequency I/O = bidirectional (2) This pin has dual functions: as a SOP[2] (device operation mode), and as an external TCXO enable. As a TXCO enable, the pin is an output on power up and driven logic high. During hibernate low-power mode, the pin is in a Hi-Z state but is pulled down for SOP mode to disable TCXO. Because of the SOP functionality, the pin must be used as an output only. (3) Output Only (4) This pin is reserved for WLAN antenna selection, controlling an external RF switch that multiplexes the RF pin of the CC3130x device between two antennas. These pins must not be used for other functionalities. CC3130 SWRS227 – MARCH 2020 www.ti.com 12 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated |
유사한 부품 번호 - CC3130 |
|
유사한 설명 - CC3130 |