전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CC3230S 데이터시트(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
부품명 CC3230S
상세설명  CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CC3230S 데이터시트(HTML) 32 Page - Texas Instruments

Back Button CC3230S Datasheet HTML 28Page - Texas Instruments CC3230S Datasheet HTML 29Page - Texas Instruments CC3230S Datasheet HTML 30Page - Texas Instruments CC3230S Datasheet HTML 31Page - Texas Instruments CC3230S Datasheet HTML 32Page - Texas Instruments CC3230S Datasheet HTML 33Page - Texas Instruments CC3230S Datasheet HTML 34Page - Texas Instruments CC3230S Datasheet HTML 35Page - Texas Instruments CC3230S Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
8.5 Current Consumption Summary (CC3230S)
Table 8-1. Current Consumption Summary (CC3230S)
TA = 25°C, VBAT = 3.6 V
PARAMETER
TEST CONDITIONS(1) (5)
MIN
TYP(6)
MAX UNIT
MCU ACTIVE
NWP ACTIVE
TX
1 DSSS
TX power level = 0
272
mA
TX power level = 4
190
6 OFDM
TX power level = 0
248
TX power level = 4
182
54 OFDM
TX power level = 0
223
TX power level = 4
160
RX
1 DSSS
59
54 OFDM
59
NWP idle connected(3)
15.3
MCU SLEEP
NWP ACTIVE
TX
1 DSSS
TX power level = 0
269
mA
TX power level = 4
187
6 OFDM
TX power level = 0
245
TX power level = 4
179
54 OFDM
TX power level = 0
220
TX power level = 4
157
RX
1 DSSS
56
54 OFDM
56
NWP idle connected(3)
12.2
MCU LPDS
NWP ACTIVE
TX
1 DSSS
TX power level = 0
266
mA
TX power level = 4
184
6 OFDM
TX power level = 0
242
TX power level = 4
176
54 OFDM
TX power level = 0
217
TX power level = 4
154
RX
1 DSSS
53
54 OFDM
53
NWP LPDS(2)
120 µA at 64KB
135 µA at 256KB
135
µA
NWP idle connected(3)
710
MCU SHUTDOWN
MCU shutdown
1
µA
MCU HIBERNATE
MCU hibernate
4.5
µA
Peak calibration current(4)
VBAT = 3.6 V
420
mA
VBAT = 3.3 V
450
VBAT = 2.1 V
670
(1)
TX power level = 0 implies maximum power (see Figure 8-1, Figure 8-2, and Figure 8-3). TX power level = 4 implies output power
backed off approximately 4 dB.
(2)
LPDS current does not include the external serial flash. The LPDS number of reported is with retention of 256KB of MCU SRAM. The
CC3230x device can be configured to retain 0KB, 64KB, 128KB, 192KB, or 256KB of SRAM in LPDS. Each 64-KB block of MCU
retained SRAM increases LPDS current by 4 µA.
(3)
DTIM = 1
(4)
The complete calibration can take up to 17 mJ of energy from the battery over a time of 24 ms. In default mode, calibration is
performed sparingly, and typically occurs when re-enabling the NWP and when the temperature has changed by more than 20°C.
There are two additional calibration modes that may be used to reduced or completely eliminate the calibration event. For further
details, see CC31xx, CC32xx SimpleLink™ Wi-Fi® and IoT Network Processor Programmer's Guide.
(5)
The CC3230x system is a constant power-source system. The active current numbers scale based on the VBAT voltage supplied.
CC3230S, CC3230SF
SWRS226 – FEBRUARY 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC3230S CC3230SF


유사한 부품 번호 - CC3230S

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF TI1-CC3235MODASF Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF12MON TI1-CC3235MODASF12MON Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF12MONR TI1-CC3235MODASF12MONR Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASM2MON TI1-CC3235MODASM2MON Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results

유사한 설명 - CC3230S

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CC3130 TI-CC3130 Datasheet
2Mb / 75P
[Old version datasheet]   CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
CC3000-TYPEVK TI1-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TYPEVK TI-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TIWI-SL TI-CC3000-TIWI-SL Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com