전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CC3230S 데이터시트(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
부품명 CC3230S
상세설명  CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CC3230S 데이터시트(HTML) 16 Page - Texas Instruments

Back Button CC3230S Datasheet HTML 12Page - Texas Instruments CC3230S Datasheet HTML 13Page - Texas Instruments CC3230S Datasheet HTML 14Page - Texas Instruments CC3230S Datasheet HTML 15Page - Texas Instruments CC3230S Datasheet HTML 16Page - Texas Instruments CC3230S Datasheet HTML 17Page - Texas Instruments CC3230S Datasheet HTML 18Page - Texas Instruments CC3230S Datasheet HTML 19Page - Texas Instruments CC3230S Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
Table 7-1. Pin Attributes (continued)
PIN
NO.
SIGNAL NAME(1)
SIGNAL
TYPE(2)
PIN MUX
ENCODING
SIGNAL
DIRECTION
PAD STATES
LPDS(3)
Hib(4)
nRESET = 0
48
VDD_ANA1
N/A
N/A
N/A
N/A
N/A
49
VDD_RAM
N/A
N/A
N/A
N/A
N/A
50
GPIO0 (PN)
I/O
0
I/O
Hi-Z, Pull, Drive
Hi-Z, Pull,
Drive
Hi-Z
UART0_CTS
12
I
Hi-Z, Pull, Drive
McAXR1
6
I/O
Hi-Z, Pull, Drive
GT_CCP00
7
I
Hi-Z, Pull, Drive
GSPI_CS
9
I/O
Hi-Z, Pull, Drive
UART1_RTS
10
O
1
UART0_RTS
3
O
1
McAXR0
4
I/O
Hi-Z, Pull, Drive
51
RTC_XTAL_P
N/A
N/A
N/A
N/A
N/A
52(10)
RTC_XTAL_N (PN)
O
N/A
N/A
N/A
Hi-Z, Pull,
Drive
Hi-Z
GPIO32
0
O
Hi-Z, Pull, Drive
McACLK
2
O
McAXR0
4
O
UART0_RTS
6
O
1
GSPI_MOSI
8
O
Hi-Z, Pull, Drive
53
GPIO30 (PN)
I/O
0
I/O
Hi-Z, Pull, Drive
Hi-Z, Pull,
Drive
Hi-Z
UART0_TX
9
O
1
McACLK
2
O
Hi-Z, Pull, Drive
McAFSX
3
O
GT_CCP05
4
I
GSPI_MISO
7
I/O
54
VIN_IO2
N/A
N/A
N/A
N/A
N/A
55
GPIO1 (PN)
I/O
0
I/O
Hi-Z, Pull, Drive
Hi-Z, Pull,
Drive
Hi-Z
UART0_TX
3
O
1
pCLK (PIXCLK)
4
I
Hi-Z, Pull, Drive
UART1_TX
6
O
1
GT_CCP01
7
I
Hi-Z, Pull, Drive
56
VDD_DIG2
N/A
N/A
N/A
N/A
N/A
57(11)
ADC_CH0
Analog input
(up to 1.5 V)
or digital I/O
See (8)
I
Hi-Z, Pull, Drive
Hi-Z, Pull,
Drive
Hi-Z
GPIO2 (PN)
0
I/O
UART0_RX
3
I
UART1_RX
6
I
GT_CCP02
7
I
58(11)
ADC_CH1
Analog input
(up to 1.5 V)
or digital I/O
See (8)
I
Hi-Z, Pull, Drive
Hi-Z, Pull,
Drive
Hi-Z
GPIO3 (PN)
0
I/O
UART1_TX
6
O
1
pDATA7 (CAM_D3)
4
I
Hi-Z, Pull, Drive
59(11)
ADC_CH2
Analog input
(up to 1.5 V)
or digital I/O
See (8)
I
Hi-Z, Pull, Drive
Hi-Z, Pull,
Drive
Hi-Z
GPIO4 (PN)
0
I/O
UART1_RX
6
I
pDATA6 (CAM_D2)
4
I
CC3230S, CC3230SF
SWRS226 – FEBRUARY 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC3230S CC3230SF


유사한 부품 번호 - CC3230S

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF TI1-CC3235MODASF Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF12MON TI1-CC3235MODASF12MON Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF12MONR TI1-CC3235MODASF12MONR Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASM2MON TI1-CC3235MODASM2MON Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results

유사한 설명 - CC3230S

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CC3130 TI-CC3130 Datasheet
2Mb / 75P
[Old version datasheet]   CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
CC3000-TYPEVK TI1-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TYPEVK TI-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TIWI-SL TI-CC3000-TIWI-SL Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com