전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CC3230S 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 CC3230S
상세설명  CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CC3230S 데이터시트(HTML) 2 Page - Texas Instruments

  CC3230S Datasheet HTML 1Page - Texas Instruments CC3230S Datasheet HTML 2Page - Texas Instruments CC3230S Datasheet HTML 3Page - Texas Instruments CC3230S Datasheet HTML 4Page - Texas Instruments CC3230S Datasheet HTML 5Page - Texas Instruments CC3230S Datasheet HTML 6Page - Texas Instruments CC3230S Datasheet HTML 7Page - Texas Instruments CC3230S Datasheet HTML 8Page - Texas Instruments CC3230S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
2 Applications
• For Internet of Things applications, such as:
– Building and home automation:
• HVAc systems & thermostat
• Video surveillance, video doorbells, and low-
power camera
• Building security systems & e-locks
• Smoke detector
• Water leak detector
– Appliances
• Smart home remote control
– Asset tracking
– Factory automation
– Medical and healthcare
• CPAP
– Grid infrastructure
3 Description
The SimpleLinkWi-Fi® CC3230x wireless MCU comes in two variants: CC3230S and C3230SF.
• The CC3230S includes 256KB of RAM, IoT networking security, device identity/keys, as well as, MCU level
security features such as file system encryption, user IP (MCU image) encryption, secure boot and debug
security.
• The CC3230SF builds on the CC3230S and integrates a user-dedicated 1MB of executable flash in addition
to the 256KB of RAM.
Simplify your IoT design with a Wi-Fi CERTIFIED™ wireless microcontroller (MCU). The SimpleLink™ Wi-Fi®
CC3230x device family is a system-on-chip (SoC) solution that integrates two processors within a single chip,
including:
• Application processor: Arm® Cortex®-M4 MCU with a user-dedicated 256KB of RAM and an optional 1MB of
executable flash
• Network processor to run all Wi-Fi and internet logical layers. This ROM-based subsystem completely
offloads the host MCU and includes an 802.11b/g/n 2.4 GHz radio, baseband, and MAC with a powerful
hardware cryptography engine
These devices introduce new capabilities that further simplify the connectivity of things to the internet. The main
new features include
• Bluetooth® Low Energy and Wi-Fi 2.4-GHz radio coexistence (CC13x2/CC26x2)
• Antenna selection
• Up to 16 concurrent secure sockets
• Certificate sign request (CSR)
• Online certificate status protocol (OCSP)
• Wi-Fi Alliance® certified IoT power-saving features (such as BSS max idle, DMS, and proxy ARP)
• Hostless mode for offloading template packet transmissions
• Network-assisted roaming
The CC3230x device family is part of the SimpleLink™ MCU platform—a common, easy-to-use development
environment based on a single-core software development kit (SDK) with a rich tool set and reference designs.
The E2E™ community supports Wi-Fi, Bluetooth® low energy, Sub-1 GHz, and host MCUs. For more
information, visit www.ti.com/simplelink or www.ti.com/simplelinkwifi.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CC3230SM2RGKR
VQFN (64)
9.00 mm × 9.00 mm
CC3230SF12RGKR
VQFN (64)
9.00 mm × 9.00 mm
(1)
For all available packages, see Section 12.
CC3230S, CC3230SF
SWRS226 – FEBRUARY 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC3230S CC3230SF


유사한 부품 번호 - CC3230S

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF TI1-CC3235MODASF Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF12MON TI1-CC3235MODASF12MON Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF12MONR TI1-CC3235MODASF12MONR Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASM2MON TI1-CC3235MODASM2MON Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results

유사한 설명 - CC3230S

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CC3130 TI-CC3130 Datasheet
2Mb / 75P
[Old version datasheet]   CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
CC3000-TYPEVK TI1-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TYPEVK TI-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TIWI-SL TI-CC3000-TIWI-SL Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com