전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DRV8353M 데이터시트(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
부품명 DRV8353M
상세설명  DRV8353M 100-V Three-Phase Smart Gate Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DRV8353M 데이터시트(HTML) 12 Page - Texas Instruments

Back Button DRV8353M Datasheet HTML 8Page - Texas Instruments DRV8353M Datasheet HTML 9Page - Texas Instruments DRV8353M Datasheet HTML 10Page - Texas Instruments DRV8353M Datasheet HTML 11Page - Texas Instruments DRV8353M Datasheet HTML 12Page - Texas Instruments DRV8353M Datasheet HTML 13Page - Texas Instruments DRV8353M Datasheet HTML 14Page - Texas Instruments DRV8353M Datasheet HTML 15Page - Texas Instruments DRV8353M Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
at TA = –55°C to +125°C, VVM = 9 to 75 V, VVDRAIN = 9 to 100 V, VVIN = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDRIVEN
Peak sink
gate current
SPI Device
IDRIVEN_HS or IDRIVEN_LS = 0000b
100
mA
IDRIVEN_HS or IDRIVEN_LS = 0001b
100
IDRIVEN_HS or IDRIVEN_LS = 0010b
200
IDRIVEN_HS or IDRIVEN_LS = 0011b
300
IDRIVEN_HS or IDRIVEN_LS = 0100b
600
IDRIVEN_HS or IDRIVEN_LS = 0101b
700
IDRIVEN_HS or IDRIVEN_LS = 0110b
800
IDRIVEN_HS or IDRIVEN_LS = 0111b
900
IDRIVEN_HS or IDRIVEN_LS = 1000b
1100
IDRIVEN_HS or IDRIVEN_LS = 1001b
1200
IDRIVEN_HS or IDRIVEN_LS = 1010b
1300
IDRIVEN_HS or IDRIVEN_LS = 1011b
1400
IDRIVEN_HS or IDRIVEN_LS = 1100b
1700
IDRIVEN_HS or IDRIVEN_LS = 1101b
1800
IDRIVEN_HS or IDRIVEN_LS = 1110b
1900
IDRIVEN_HS or IDRIVEN_LS = 1111b
2000
H/W Device
IDRIVE = Tied to GND
100
IDRIVE = 18 kΩ ± 5% tied to GND
200
IDRIVE = 75 kΩ ± 5% tied to GND
300
IDRIVE = Hi-Z
600
IDRIVE = 75 kΩ ± 5% tied to DVDD
900
IDRIVE = 18 kΩ ± 5% tied to DVDD
1400
IDRIVE = Tied to DVDD
2000
IHOLD
Gate holding current
Source current after tDRIVE
50
mA
Sink current after tDRIVE
100
ISTRONG
Gate strong pulldown current
GHx to SHx and GLx to SPx/SLx
2
A
ROFF
Gate hold off resistor
GHx to SHx and GLx to SPx/SLx
150
CURRENT SHUNT AMPLIFIER (SNx, SOx, SPx, VREF)
GCSA
Amplifier gain
SPI Device
CSA_GAIN = 00b
4.85
5
5.15
V/V
CSA_GAIN = 01b
9.7
10
10.3
CSA_GAIN = 10b
19.4
20
20.6
SPI Device
CSA_GAIN = 11b
38.8
40
41.2
H/W Device
GAIN = Tied to GND
4.85
5
5.15
H/W Device
GAIN = 47 kΩ ± 5% tied to GND
9.7
10
10.3
H/W Device
GAIN = Hi-Z
19.4
20
20.6
H/W Device
GAIN = Tied to DVDD
38.8
40
41.2
tSET
Settling time to ±1%
VO_STEP = 0.5 V, GCSA = 5 V/V
250
ns
VO_STEP = 0.5 V, GCSA = 10 V/V
500
VO_STEP = 0.5 V, GVSA = 20 V/V
1000
VO_STEP = 0.5 V, GCSA = 40 V/V
2000
VCOM
Common mode input range
–0.15
0.15
V
VDIFF
Differential mode input range
–0.3
0.3
V
VOFF
Input offset error
VSP = VSN = 0 V
–3
3
mV
VDRIFT
Drift offset
VSP = VSN = 0 V
10
µV/°C
VLINEAR
SOx output voltage linear range
0.25
VVREF
– 0.25
V
DRV8353M
SLVSFO2 – JULY 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8353M


유사한 부품 번호 - DRV8353M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DRV8353 TI1-DRV8353 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353F TI-DRV8353F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8353FHRTAR TI-DRV8353FHRTAR Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
More results

유사한 설명 - DRV8353M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320 Datasheet
2Mb / 80P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com