전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS90LV028A-Q1 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 DS90LV028A-Q1
상세설명  DS90LV028A-Q1 Automotive LVDS Dual Differential Line Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DS90LV028A-Q1 데이터시트(HTML) 10 Page - Texas Instruments

Back Button DS90LV028A-Q1 Datasheet HTML 6Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 7Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 8Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 9Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 10Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 11Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 12Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 13Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
8 Detailed Description
8.1 Overview
LVDS drivers and receivers are intended to be primarily used in a simple point-to-point configuration as is shown
in Figure 9-1. This configuration provides a clean signaling environment for the fast edge rates of the drivers.
The receiver is connected to the source through a impedance controlled 100 Ω differential PCB traces. A
termination resistor of 100 Ω should be used, and is located as close to the receiver input pins as possible. The
termination resistor converts the driver output (current mode) into a voltage that is detected by the receiver.
8.2 Functional Block Diagram
R
R
IN1-
R
IN1+
R
OUT1
R
R
IN2-
R
IN2+
R
OUT2
8.3 Feature Description
The DS90LV028A-Q1 differential line receiver is capable of detecting signals as low as 100 mV, over a common-
mode range of 0.5 + (VID/2) V to 2.1 - (VID/2) V. This is related to the driver offset voltage which is typically
+1.2V. The driven signal is centered around this voltage and may shift ±0.5V around this center point. The ±0.5V
shifting may be the result of a ground potential difference between the driver's ground reference and the
receiver's ground reference, the common-mode effects of coupled noise, or a combination of the two. The AC
parameters of both receiver input pins are optimized for a recommended operating input voltage range of +0.5V
to +2.1V (measured from each pin to ground). The device will operate for receiver input voltages up to VCC, but
exceeding VCC will turn on the ESD protection circuitry which will clamp the bus voltages.
8.4 Device Functional Modes
Table 8-1. Truth Table
INPUTS
OUTPUT
[RIN+] − [RIN−]
ROUT
VID ≥ 0.1V
H
VID ≤ −0.1V
L
−0.1V ≤ VID ≤ 0.1V
?(1)
(1)
? indicates state is indeterminate
DS90LV028A-Q1
SNLS672 – AUGUST 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DS90LV028A-Q1


유사한 부품 번호 - DS90LV028A-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028AH NSC-DS90LV028AH Datasheet
648Kb / 8P
   High Temperature 3V LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV028AH TI1-DS90LV028AH Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AHM NSC-DS90LV028AHM Datasheet
648Kb / 8P
   High Temperature 3V LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV028AHM/NOPB TI1-DS90LV028AHM/NOPB Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
More results

유사한 설명 - DS90LV028A-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DS90LV028ATMX TI-DS90LV028ATMX Datasheet
1Mb / 18P
[Old version datasheet]   DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1_V01 Datasheet
1Mb / 2P
[Old version datasheet]   DS90LV028AQ-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LT012AQ TI1-DS90LT012AQ_15 Datasheet
776Kb / 14P
[Old version datasheet]   Automotive LVDS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012AQ NSC-DS90LT012AQ Datasheet
251Kb / 8P
   Automotive LVDS Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com