전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM60440 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM60440
상세설명  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM60440 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM60440_V01 Datasheet HTML 2Page - Texas Instruments LM60440_V01 Datasheet HTML 3Page - Texas Instruments LM60440_V01 Datasheet HTML 4Page - Texas Instruments LM60440_V01 Datasheet HTML 5Page - Texas Instruments LM60440_V01 Datasheet HTML 6Page - Texas Instruments LM60440_V01 Datasheet HTML 7Page - Texas Instruments LM60440_V01 Datasheet HTML 8Page - Texas Instruments LM60440_V01 Datasheet HTML 9Page - Texas Instruments LM60440_V01 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
LM60440, LM60430
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The value of RθJA given in this table is only valid for comparison with other packages and can not be used for design purposes. These
values were calculated in accordance with JESD 51-7, and simulated on a 4-layer JEDEC board. They do not represent the
performance obtained in an actual application.
7.4 Thermal Information
The value of RθJA given in this table is only valid for comparison with other packages and can not be used for design
purposes. These values were calculated in accordance with JESD 51-7, and simulated on a 4-layer JEDEC board. They do
not represent the performance obtained in an actual application.
THERMAL METRIC(1)(2)
LM60440/LM60430
UNIT
WQFN
13 PINS
RθJA
Junction-to-ambient thermal resistance
54(2)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
37.8
°C/W
RθJB
Junction-to-board thermal resistance
15.3
°C/W
ψJT
Junction-to-top characterization parameter
0.8
°C/W
ψJB
Junction-to-board characterization parameter
15.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
24.2
°C/W
(1)
This is the current used by the device open loop. It does not represent the total input current of the system when in regulation.
(2)
When the voltage across the CBOOT capacitor falls below this voltage, the low side MOSFET is turned on to recharge CBOOT.
(3)
The current limit values in this table are tested, open loop, in production. They may differ from those found in a closed loop application.
7.5 Electrical Characteristics
Limits apply over the operating junction temperature (TJ) range of –40°C to +150°C, unless otherwise stated. Minimum and
maximum limits are specified through test, design or statistical correlation. Typical values represent the most likely parametric
norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following conditions apply: VIN
= 12 V, VEN = 4 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VIN
Minimum operating input
voltage
3.8
V
IQ
Non-switching input current;
measured at VIN pin (1)
VFB = 1.2 V
24
34
µA
ISD
Shutdown quiescent current;
measured at VIN pin
EN = 0
5
10
µA
ENABLE
VEN-VCC-H
EN input level required to turn
on internal LDO
Rising threshold
1
V
VEN-VCC-L
EN input level required to turn
off internal LDO
Falling threshold
0.3
V
VEN-H
EN input level required to
start switching
Rising threshold
1.2
1.231
1.26
V
VEN-HYS
Hysteresis below VEN-H
Hysteresis below VEN-H; falling
100
mV
ILKG-EN
Enable input leakage current
VEN = 3.3 V
0.2
nA
INTERNAL SUPPLIES
VCC
Internal LDO output voltage
appearing at the VCC pin
6 V
≤ VIN ≤ 36 V
4.75
5
5.25
V
VBOOT-UVLO
Bootstrap voltage
undervoltage lock-out
threshold(2)
2.2
V
VOLTAGE REFERENCE (FB PIN)
VFB
Feedback voltage
0.985
1
1.015
V
IFB
Current into FB pin
FB = 1 V
0.2
50
nA
CURRENT LIMITS(3)
ISC
High-side current limit
LM60440
4.7
5.5
6
A
ISC
High-side current limit
LM60430
3.85
4.5
5.05
A
ILIMIT
Low-side current limit
LM60440
4
4.5
4.9
A
ILIMIT
Low-side current limit
LM60430
2.9
3.5
4.1
A


유사한 부품 번호 - LM60440_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI-LM60440-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   LM63460-Q1 3-V to 36-V, 6-A Automotive Synchronous Buck DC/DC Converter With Adjustable Switching Frequency, Optimized for Reliability and Low EMI
DECEMBER 2021
LM60440-Q1 TI1-LM60440-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
More results

유사한 설명 - LM60440_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM60440 TI1-LM60440 Datasheet
1Mb / 32P
[Old version datasheet]   LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1_18 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33620-Q1 TI1-LMR33620-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620AP-Q1 TI-LMR33620AP-Q1 Datasheet
4Mb / 48P
[Old version datasheet]   LMR336x0AP-Q1 3.8-V to 36-V, 2-A and 3-A Synchronous Step-Down Voltage Converter
LMR33620-Q1_1812 TI1-LMR33620-Q1_1812 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com