전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WSE3088 데이터시트(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

부품명 WSE3088
상세설명  N-Ch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
홈페이지  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSE3088 데이터시트(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSE3088 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3088 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3088 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3088 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3088 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@Tc=25℃
Continuous Drain Current, VGS @ 10V
1
7.0
A
ID@Tc=70℃
Continuous Drain Current, VGS @ 10V
1
5.5
A
IDM
Pulsed Drain Current
2
28
A
EAS
Single Pulse Avalanche Energy
3
9
mJ
IAS
Avalanche Current
6
A
PD@TA=25℃
Total Power Dissipation
4
1.8
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
70
/W
RθJC
Thermal Resistance Junction-Case
1
---
30
/W
BVDSS
RDSON
ID
30V
23mΩ
7A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous s
Small power switching for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT-89 Pin Configuration
Product Summery
WSE3088
N-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
The WSE3088 is the highest performance trench
N-Ch MOSFET with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The WSE3088 meet the RoHS and Green
Product requirement with full function reliability
approved.


유사한 부품 번호 - WSE3088

제조업체부품명데이터시트상세설명
logo
Shenzhen Guan Hua Wei Y...
WSE3098 WIINSOK-WSE3098 Datasheet
906Kb / 5P
   N-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
   P-Ch MOSFET
More results

유사한 설명 - WSE3088

제조업체부품명데이터시트상세설명
logo
Shenzhen Guan Hua Wei Y...
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
   N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
   N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
   N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
   N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
   N-Ch MOSFET
WSF3040 WIINSOK-WSF3040 Datasheet
820Kb / 5P
   N-Ch MOSFET
WSK140N03 WIINSOK-WSK140N03 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSP06N10 WIINSOK-WSP06N10 Datasheet
987Kb / 5P
   N-Ch MOSFET
WSP14N10 WIINSOK-WSP14N10 Datasheet
1Mb / 6P
   N-Ch MOSFET
WSP4404 WIINSOK-WSP4404 Datasheet
779Kb / 7P
   N-Ch MOSFET
WSR50N06 WIINSOK-WSR50N06 Datasheet
722Kb / 5P
   N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com