전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMR50410-Q1 데이터시트(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
부품명 LMR50410-Q1
상세설명  LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 package
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMR50410-Q1 데이터시트(HTML) 26 Page - Texas Instruments

Back Button LMR50410-Q1 Datasheet HTML 22Page - Texas Instruments LMR50410-Q1 Datasheet HTML 23Page - Texas Instruments LMR50410-Q1 Datasheet HTML 24Page - Texas Instruments LMR50410-Q1 Datasheet HTML 25Page - Texas Instruments LMR50410-Q1 Datasheet HTML 26Page - Texas Instruments LMR50410-Q1 Datasheet HTML 27Page - Texas Instruments LMR50410-Q1 Datasheet HTML 28Page - Texas Instruments LMR50410-Q1 Datasheet HTML 29Page - Texas Instruments LMR50410-Q1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
11 Layout
11.1 Layout Guidelines
Layout is a critical portion of good power supply design. The following guidelines will help users design a PCB
with the best power conversion performance, thermal performance, and minimized generation of unwanted EMI.
1. The input bypass capacitor CIN must be placed as close as possible to the VIN and GND pins. Grounding for
both the input and output capacitors should consist of localized top side planes that connect to the GND pin.
2. Minimize trace length to the FB pin net. Both feedback resistors, RFBT and RFBB, must be located close to the
FB pin. If VOUT accuracy at the load is important, make sure VOUT sense is made at the load. Route VOUT
sense path away from noisy nodes and preferably through a layer on the other side of a shielded layer.
3. Use ground plane in one of the middle layers as noise shielding and heat dissipation path if possible.
4. Make VIN, VOUT, and ground bus connections as wide as possible. This reduces any voltage drops on the
input or output paths of the converter and maximizes efficiency.
5. Provide adequate device heat-sinking. GND, VIN, and SW pins provide the main heat dissipation path, make
the GND, VIN, and SW plane area as large as possible. Use an array of heat-sinking vias to connect the top
side ground plane to the ground plane on the bottom PCB layer. If the PCB has multiple copper layers, these
thermal vias can also be connected to inner layer heat-spreading ground planes. Ensure enough copper area
is used for heat-sinking to keep the junction temperature below 125°C.
11.1.1 Compact Layout for EMI Reduction
Radiated EMI is generated by the high di/dt components in pulsing currents in switching converters. The larger
area covered by the path of a pulsing current, the more EMI is generated. High frequency ceramic bypass
capacitors at the input side provide primary path for the high di/dt components of the pulsing current. Placing a
ceramic bypass capacitor or capacitors as close as possible to the VIN and GND pins is the key to EMI
reduction.
The SW pin connecting to the inductor must be as short as possible, and just wide enough to carry the load
current without excessive heating. Short, thick traces or copper pours (shapes) must be used for high current
conduction path to minimize parasitic resistance. The output capacitors must be placed close to the VOUT end of
the inductor and closely grounded to GND pin.
11.1.2 Feedback Resistors
To reduce noise sensitivity of the output voltage feedback path, it is important to place the resistor divider close
to the FB pin, rather than close to the load. The FB pin is the input to the error amplifier, so it is a high
impedance node and very sensitive to noise. Placing the resistor divider closer to the FB pin reduces the trace
length of FB signal and reduces noise coupling. The output node is a low impedance node, so the trace from
VOUT to the resistor divider can be long if short path is not available.
If voltage accuracy at the load is important, make sure voltage sense is made at the load. Doing so corrects for
voltage drops along the traces and provides the best output accuracy. The voltage sense trace from the load to
the feedback resistor divider must be routed away from the SW node path and the inductor to avoid
contaminating the feedback signal with switch noise, while also minimizing the trace length. This is most
important when high value resistors are used to set the output voltage. It is recommended to route the voltage
sense trace and place the resistor divider on a different layer than the inductor and SW node path, such that
there is a ground plane in between the feedback trace and inductor/SW node polygon. This provides further
shielding for the voltage feedback path from EMI noises.
LMR50410-Q1
SLUSDW4 – JULY 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LMR50410-Q1


유사한 부품 번호 - LMR50410-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMR50410-Q1 TI-LMR50410-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410-Q1 TI-LMR50410-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410-Q1 TI-LMR50410-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
More results

유사한 설명 - LMR50410-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMR50410-Q1 TI-LMR50410-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410 TI-LMR50410_V01 Datasheet
1Mb / 33P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410 TI1-LMR50410 Datasheet
1Mb / 31P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 package
LMR54410 TI-LMR54410 Datasheet
1Mb / 27P
[Old version datasheet]   LMR544xx SIMPLE SWITCHER짰 4-V to 36-V, 0.6-A/1-A Buck Converter in a SOT-23 Package
SLUSEG8 ??OCTOBER 2021
LMR51420 TI-LMR51420 Datasheet
2Mb / 33P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER짰 Power Converter 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
SLUSEF6 ??OCTOBER 2021
LMR51420 TI-LMR51420_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER® 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
REVISED AUGUST 2022
LMR51430 TI-LMR51430 Datasheet
1Mb / 34P
[Old version datasheet]   LMR51430 SIMPLE SWITCHER® 4.5-V to 36-V, 3-A, Synchronous Buck Converter in a SOT-23 Package
JUNE 2022
LMR51610 TI-LMR51610 Datasheet
2Mb / 36P
[Old version datasheet]   LMR516xx SIMPLE SWITCHER® Power Converter, 4-V to 65-V, 0.6-A/1-A, Buck Converter in a SOT-23 Package
JUNE 2023
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
TPS560430-Q1 TI1-TPS560430-Q1_V01 Datasheet
736Kb / 31P
[Old version datasheet]   TPS560430-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 600-mA synchronous step-down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com