전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RM48L940 데이터시트(PDF) 85 Page - Texas Instruments

부품명 RM48L940
상세설명  RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

RM48L940 데이터시트(HTML) 85 Page - Texas Instruments

Back Button RM48L940_V01 Datasheet HTML 81Page - Texas Instruments RM48L940_V01 Datasheet HTML 82Page - Texas Instruments RM48L940_V01 Datasheet HTML 83Page - Texas Instruments RM48L940_V01 Datasheet HTML 84Page - Texas Instruments RM48L940_V01 Datasheet HTML 85Page - Texas Instruments RM48L940_V01 Datasheet HTML 86Page - Texas Instruments RM48L940_V01 Datasheet HTML 87Page - Texas Instruments RM48L940_V01 Datasheet HTML 88Page - Texas Instruments RM48L940_V01 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 174 page
background image
RM48L940, RM48L740, RM48L540
www.ti.com
SPNS175C – APRIL 2012 – REVISED JUNE 2015
6.13.2 On-Chip SRAM Auto Initialization
This microcontroller allows some of the on-chip memories to be initialized to zero through the Memory
Hardware Initialization mechanism in the System module. This hardware mechanism allows an application
to program the memory arrays with error detection capability to a known state based on their error
detection scheme (odd/even parity or ECC).
The MINITGCR register enables the memory initialization sequence, and the MSINENA register selects
the memories that are to be initialized.
For more information on these registers see the device specific technical reference manual.
The mapping of the different on-chip memories to the specific bits of the MSINENA registers is shown in
Table 6-26.
Table 6-26. Memory Initialization
ADDRESS RANGE
MSINENA REGISTER
CONNECTING MODULE
BIT NO.
BASE ADDRESS
ENDING ADDRESS
RAM (PD#1)
0x08000000
0x0800FFFF
0(1)
RAM (RAM_PD#1)
0x08010000
0x0801FFFF
0(1)
RAM (RAM_PD#2)
0x08020000
0x0802FFFF
0(1)
RAM (RAM_PD#3)(2)
0x08030000
0x0803FFFF
0(1)
MIBSPI5 RAM
0xFF0A0000
0xFF0BFFFF
12(3)
MIBSPI3 RAM
0xFF0C0000
0xFF0DFFFF
11(3)
MIBSPI1 RAM
0xFF0E0000
0xFF0FFFFF
7(3)
DCAN3 RAM
0xFF1A0000
0xFF1BFFFF
10
DCAN2 RAM
0xFF1C0000
0xFF1DFFFF
6
DCAN1 RAM
0xFF1E0000
0xFF1FFFFF
5
MIBADC2 RAM
0xFF3A0000
0xFF3BFFFF
14
MIBADC1 RAM
0xFF3E0000
0xFF3FFFFF
8
N2HET2 RAM
0xFF440000
0xFF45FFFF
15
N2HET1 RAM
0xFF460000
0xFF47FFFF
3
HTU2 RAM
0xFF4C0000
0xFF4DFFFF
16
HTU1 RAM
0xFF4E0000
0xFF4FFFFF
4
DMA RAM
0xFFF80000
0xFFF80FFF
1
VIM RAM
0xFFF82000
0xFFF82FFF
2
Ethernet RAM (CPPI Memory
0xFC520000
0xFC521FFF
n/a
Slave)
(1)
The TCM RAM wrapper has separate control bits to select the RAM power domain that is to be auto-initialized.
(2)
Not available on theRM48L540 device.
(3)
The MibSPIx modules perform an initialization of the transmit and receive RAMs as soon as the module is released from its local reset
via the SPIGCR0 register. This is independent of whether the application chooses to initialize the MibSPIx RAMs using the system
module auto-initialization method. Before the MibSPI RAM can be initialized using the system module auto-initialization method: (I) The
module must be released from its local reset, AND (ii) The application must poll for the "BUF INIT ACTIVE" status flag in the SPIFLG
register to become cleared (zero)
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
85
Submit Documentation Feedback


유사한 부품 번호 - RM48L940_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
RM48L940DPGET TI1-RM48L940DPGET Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940DZWTT TI1-RM48L940DZWTT Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940PGET TI1-RM48L940PGET Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
RM48L940ZWTT TI1-RM48L940ZWTT Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
More results

유사한 설명 - RM48L940_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
RM48L940 TI1-RM48L940_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940 Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com