전자부품 데이터시트 검색엔진 |
|
TLV7031 데이터시트(PDF) 21 Page - Texas Instruments |
|
TLV7031 데이터시트(HTML) 21 Page - Texas Instruments |
21 / 51 page +V +5 V CC R LOAD V O R2 1 MW V REF +2.5 V V A 5 V 0 V 1.675 V 3.325 V V IN2 V IN V O High +V CC V = V A REF R2 R1 330 kW V IN R1 V O Low V IN1 V = V A REF R1 R2 V O V IN1 V IN2 Copyright © 2016, Texas Instruments Incorporated DV = V IN CC ´ R1 R2 V = IN2 V REF CC (R1 + R2) V R1 - ´ R2 V = R1 IN1 ´ VREF R2 + VREF 21 TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044 www.ti.com SLVSE13F – SEPTEMBER 2017 – REVISED JUNE 2020 Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044 Submit Documentation Feedback Copyright © 2017–2020, Texas Instruments Incorporated Application Information (continued) 8.1.2 Noninverting Comparator With Hysteresis for TLV703x A noninverting comparator with hysteresis requires a two-resistor network, as shown in Figure 35, and a voltage reference (VREF) at the inverting input. When VIN is low, the output is also low. For the output to switch from low to high, VIN must rise to VIN1. Use Equation 4 to calculate VIN1. (4) When VIN is high, the output is also high. For the comparator to switch back to a low state, VIN must drop to VIN2 such that VA is equal to VREF. Use Equation 5 to calculate VIN2. (5) The hysteresis of this circuit is the difference between VIN1 and VIN2, as shown in Equation 6. (6) Figure 35. TLV703x in a Noninverting Configuration With Hysteresis |
유사한 부품 번호 - TLV7031_V02 |
|
유사한 설명 - TLV7031_V02 |