전자부품 데이터시트 검색엔진 |
|
AM79534-1DC 데이터시트(PDF) 5 Page - Advanced Micro Devices |
|
AM79534-1DC 데이터시트(HTML) 5 Page - Advanced Micro Devices |
5 / 20 page SLIC Products 5 ABSOLUTE MAXIMUM RATINGS Storage temperature . . . . . . . . . . . . –55 °C to +150°C VCC with respect to AGND/DGND . . .–0.4 V to +7.0 V VEE with respect to AGND/DGND . . .+0.4 V to –7.0 V VBAT with respect to AGND/DGND . . +0.4 V to –70 V Note: Rise time of VBAT (dv/dt) must be limited to 27 V/µs or less when QBAT bypass = 0.33 µF. BGND with respect to AGND/DGND. . . . . . . . . . . . . . . .+1.0 V to –3.0 V A(TIP) or B(RING) to BGND: Continuous . . . . . . . . . . . . . . . . . –70 V to +1.0 V 10 ms (f = 0.1 Hz) . . . . . . . . . . . . –70 V to +5.0 V 1 µs (f = 0.1 Hz). . . . . . . . . . . . . . .–90 V to +10 V 250 ns (f = 0.1 Hz) . . . . . . . . . . . .–120 V to +15 V Current from A(TIP) or B(RING). . . . . . . . . . ±150 mA Voltage on RINGOUT . . . BGND to 70 V above QBAT Voltage on TESTOUT . . . BGND to 70 V above QBAT Current through relay drivers . . . . . . . . . . . . . . 60 mA Voltage on ring-trip inputs (DA and DB) . . .VBAT to 0 V Current into ring-trip inputs . . . . . . . . . . . . . . ±10 mA Peak current into regulator switch (L pin) . . . 150 mA Switcher transient peak off voltage on L pin . . +1.0 V C4–C1, E1, CHCLK to AGND/DGND. . . . . . . . . . –0.4 V to (VCC +0.4 V) Maximum power dissipation (see note) . . . TA =70°C In 32-pin PLCC package . . . . . . . . . . . . . 1.74 W Note: Thermal limiting circuitry on chip will shut down the circuit at a junction temperature of about 165 °C. The device should never be exposed to this temperature. Operation above 145 °C junction temperature may degrade device reliability. See the SLIC Packaging Considerations for more information. Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability. OPERATING RANGES Commercial (C) Devices Ambient temperature . . . . . . . . . . . . . . 0 °C to +70°C* VCC . . . . . . . . . . . . . . . . . . . . . . . . . . 4.75 V to 5.25 V VEE . . . . . . . . . . . . . . . . . . . . . . . . –4.75 V to –5.25 V VBAT . . . . . . . . . . . . . . . . . . . . . . . . . . –40 V to –58 V AGND/DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V BGND with respect to AGND/DGND . . . . . . . . . . . –100 mV to +100 mV Load resistance on VTX to ground . . . . . . . 10 k Ω min Operating Ranges define those limits between which the functionality of the device is guaranteed. * Functionality of the device from 0 °C to +70°C is guaranteed by production testing. Performance from –40 °C to +85°C is guaranteed by characterization and periodic sampling of production units. |
유사한 부품 번호 - AM79534-1DC |
|
유사한 설명 - AM79534-1DC |