전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS7A03 데이터시트(PDF) 19 Page - Texas Instruments

부품명 TPS7A03
상세설명  TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS7A03 데이터시트(HTML) 19 Page - Texas Instruments

Back Button TPS7A03_V06 Datasheet HTML 15Page - Texas Instruments TPS7A03_V06 Datasheet HTML 16Page - Texas Instruments TPS7A03_V06 Datasheet HTML 17Page - Texas Instruments TPS7A03_V06 Datasheet HTML 18Page - Texas Instruments TPS7A03_V06 Datasheet HTML 19Page - Texas Instruments TPS7A03_V06 Datasheet HTML 20Page - Texas Instruments TPS7A03_V06 Datasheet HTML 21Page - Texas Instruments TPS7A03_V06 Datasheet HTML 22Page - Texas Instruments TPS7A03_V06 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
R
=
DS(ON)
V
DO
I
RATED
19
TPS7A03
www.ti.com
SBVS375B – JULY 2019 – REVISED APRIL 2020
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Excellent Transient Response
The TPS7A03 includes several innovative circuits to ensure excellent transient response. Dynamic biasing
increases the IQ for a short duration during transients to extend the closed-loop bandwidth and improve the
output response time to transients.
Adaptive biasing increases the IQ as the DC load current increases, extending the bandwidth of the loop. The
response time across the output voltage range is constant because a buffered reference topology is used, which
keeps the control loop in unity gain at any output voltage.
These features give the device a wide loop bandwidth during transients that ensures excellent transient response
while maintaining low IQ in steady-state conditions.
7.3.2 Active Discharge (P-Version Only)
The device has an internal pulldown MOSFET that connects a RPULLDOWN resistor to ground when the device is
disabled to actively discharge the output voltage. The active discharge circuit is activated by the enable pin or by
the undervoltage lockout (UVLO).
Do not rely on the active discharge circuit for discharging a large amount of output capacitance after the input
supply has collapsed because reverse current can possibly flow from the output to the input. This reverse current
flow can cause damage to the device. Limit reverse current to no more than 5% of the device rated current for a
short period of time.
7.3.3 Low IQ in Dropout
In most LDOs the IQ significantly increases when the device is placed into dropout, which is especially true for
low IQ LDOs. The TPS7A03 helps to reduce the battery discharge by detecting when the device is operating in
dropout conditions and maintaining a low IQ.
7.3.4 Smart Enable
The enable pin for the device is an active-high pin. The output voltage is enabled when the voltage of the enable
pin is greater than the high-level input voltage of the EN pin and disabled with the enable pin voltage is less than
the low-level input voltage of the EN pin. If independent control of the output voltage is not needed, connect the
enable pin to the input of the device.
This device has a smart enable circuit to reduce quiescent current. When the voltage on the enable pin is driven
above VEN(HI), as listed in the Electrical Characteristics table, the device is enabled and the smart enable internal
pulldown resistor (REN(PULLDOWN)) is disconnected. When the enable pin is floating, the REN(PULLDOWN) is
connected and pulls the enable pin low to disable the device. The REN(PULLDOWN) value is listed in the Electrical
Characteristics table.
This device has an internal pulldown circuit that activates when the device is disabled to actively discharge the
output voltage.
7.3.5 Dropout Voltage
Dropout voltage (VDO) is defined as the input voltage minus the output voltage (VIN – VOUT) at the rated output
current (IRATED), where the pass transistor is fully on. IRATED is the maximum IOUT listed in the Recommended
Operating Conditions table. The pass transistor is in the ohmic or triode region of operation, and acts as a switch.
The dropout voltage indirectly specifies a minimum input voltage greater than the nominal programmed output
voltage at which the output voltage is expected to stay in regulation. If the input voltage falls to less than the
nominal output regulation, then the output voltage falls as well.
For a CMOS regulator, the dropout voltage is determined by the drain-source on-state resistance (RDS(ON)) of the
pass transistor. Therefore, if the linear regulator operates at less than the rated current, the dropout voltage for
that current scales accordingly. Use Equation 1 to calculate the RDS(ON) of the device.
(1)


유사한 부품 번호 - TPS7A03_V06

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS7A03 TI1-TPS7A03_V01 Datasheet
285Kb / 22P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V02 Datasheet
469Kb / 25P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V03 Datasheet
2Mb / 41P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V04 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V05 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results

유사한 설명 - TPS7A03_V06

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS7A03 TI-TPS7A03_V08 Datasheet
3Mb / 45P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V03 Datasheet
2Mb / 41P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V11 Datasheet
3Mb / 50P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
REVISED SEPTEMBER 2022
TPS7A03 TI1-TPS7A03_V05 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03 Datasheet
284Kb / 22P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V02 Datasheet
469Kb / 25P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V04 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V11 Datasheet
3Mb / 48P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
TPS7A03 TI-TPS7A03_V10 Datasheet
3Mb / 47P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
TPS7A03 TI1-TPS7A03_V01 Datasheet
285Kb / 22P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com