전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WPJ344 데이터시트(PDF) 5 Page - Compex Systems Pte. Lte.

부품명 WPJ344
상세설명  Multi-function AR9344 Embedded Board with on-board Wireless
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMPEX [Compex Systems Pte. Lte.]
홈페이지  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WPJ344 데이터시트(HTML) 5 Page - Compex Systems Pte. Lte.

  WPJ344 Datasheet HTML 1Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 2Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 3Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 4Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 5Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 6Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 7Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
wireless embedded boards
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 03/07/2020 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
Type
Functionality
Remark
Power Sourcing Equipment (PSE)
pass-thru Module
PoE pass-through - allow the second
Ethernet port to provide PoE to another
IEEE 802.3af/at compatible device
(such as an IP Camera)
WPJ344 Dimensions will increased to
117 x 105 x 20 mm
*Note: When the board operate with PSE module, please don’t apply Passive PoE power to the Ethernet port close to DC jack,
otherwise it will be damaged.
Optional Add-on
Dimensional Drawing of WPJ344 with PSE pass-thru Module


유사한 부품 번호 - WPJ344

제조업체부품명데이터시트상세설명
logo
Compex Systems Pte. Lte...
WPJ342 COMPEX-WPJ342 Datasheet
1Mb / 6P
   Multi-function AR9342 Embedded Board with on-board Wireless
More results

유사한 설명 - WPJ344

제조업체부품명데이터시트상세설명
logo
Compex Systems Pte. Lte...
WPJ531 COMPEX-WPJ531 Datasheet
1Mb / 7P
   Multi-function QCA9531 Embedded Board with on-board Wireless
WPJ428 COMPEX-WPJ428 Datasheet
1Mb / 6P
   Multi-function IPQ4028 Embedded Board with on-board Wireless
WPJ558 COMPEX-WPJ558 Datasheet
2Mb / 6P
   Multi-function QCA9558 Embedded Board with on-board Wireless
WPJ342 COMPEX-WPJ342 Datasheet
1Mb / 6P
   Multi-function AR9342 Embedded Board with on-board Wireless
WPJ419 COMPEX-WPJ419 Datasheet
908Kb / 8P
   Multi-function IPQ4019 Embedded Board with on-board Wireless
AP.CP01 COMPEX-AP.CP01 Datasheet
573Kb / 9P
   Multi-function IPQ6018 Embedded Board with on-board WiFi
WPQ872 COMPEX-WPQ872 Datasheet
1Mb / 9P
   Multi-function IPQ8072A Embedded Board with on-board WiFi
WPJ563 COMPEX-WPJ563 Datasheet
1Mb / 6P
   QCA9563 Embedded Board with on-board Wireless
WPJ564 COMPEX-WPJ564 Datasheet
1Mb / 5P
   High Power QCA9563 Embedded Board with on-board Wireless
WPQ865 COMPEX-WPQ865 Datasheet
1Mb / 4P
   Multi-function IPQ8065 Embedded Board with 1.7GHz CPU
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com