전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WPJ344 데이터시트(PDF) 7 Page - Compex Systems Pte. Lte.

부품명 WPJ344
상세설명  Multi-function AR9344 Embedded Board with on-board Wireless
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMPEX [Compex Systems Pte. Lte.]
홈페이지  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WPJ344 데이터시트(HTML) 7 Page - Compex Systems Pte. Lte.

  WPJ344 Datasheet HTML 1Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 2Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 3Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 4Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 5Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 6Page - Compex Systems Pte. Lte. WPJ344 Datasheet HTML 7Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
wireless embedded boards
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 03/07/2020 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
Ordering Options
Item Code
Firmware
Processor
Power Solutions
NOR Flash
Memory
WPJ344HV-A
6A09PO16FBRBP
CompexWRT
AR9344
DC: 12-24V
Passive PoE 24-56V or
IEEE 802.3af/at1
16MB
128MB
WPJ344HV-A
6A08PO16FBRBP
CompexWRT
AR9344
DC: 12-24V
Passive PoE 24-56V or
IEEE 802.3af/at1
16MB
128MB
P-PSE-M-6A03-SPL
Power Sourcing Equipment (PSE)
Module with PoE Pass Through
functionality
SUVGE24080CEY
Gigabit Passive 24V PoE Injector
JTAG Programmer
JTAG 14 Pin to Parallel Port bridge
Serial Port Converter
Serial 4 Pin to COM Port bridge
1. HV version. The LV version (Passive PoE 24V and DC 12-24V) can be toggled through a jumper configuration on the embedded board
2. To pair the WLE600V5-27 module on WPJ344, DC power will be recommended.
Packaging Information
Packaging Type
Dimensions
Nett Weight
Gross Weight
Packaging Box (50 units)
875 x 330 x 205 mm
5.23 kg
6.98 kg
Customization Options
The WPJ344 can be customized for volume applications, contact our sales representatives for more information.
Removing of Peripherals
Reduce NOR Flash to 8 MB
For more customization, contact us at sales@compex.com.sg
Firmware / Software
The WPJ344 is shipped with CompexWRT firmware. SDKs with QCA binary drivers are available for software developers.
Supported Operating System
CompexWRT Operating System
OpenWRT/LEDE Operating System1
Supported Mass Management Software
CNMS AP Controller Software2
1. OpenWRT SDK is available without any technical support by Compex unless otherwise stated.
2. CNMS AP Controller only compatible with WPJ344 running CompexWRT.
Packaging Content
Item
Quantity
WPJ344 Embedded Board
1
Read Me First Documentation
1


유사한 부품 번호 - WPJ344

제조업체부품명데이터시트상세설명
logo
Compex Systems Pte. Lte...
WPJ342 COMPEX-WPJ342 Datasheet
1Mb / 6P
   Multi-function AR9342 Embedded Board with on-board Wireless
More results

유사한 설명 - WPJ344

제조업체부품명데이터시트상세설명
logo
Compex Systems Pte. Lte...
WPJ531 COMPEX-WPJ531 Datasheet
1Mb / 7P
   Multi-function QCA9531 Embedded Board with on-board Wireless
WPJ428 COMPEX-WPJ428 Datasheet
1Mb / 6P
   Multi-function IPQ4028 Embedded Board with on-board Wireless
WPJ558 COMPEX-WPJ558 Datasheet
2Mb / 6P
   Multi-function QCA9558 Embedded Board with on-board Wireless
WPJ342 COMPEX-WPJ342 Datasheet
1Mb / 6P
   Multi-function AR9342 Embedded Board with on-board Wireless
WPJ419 COMPEX-WPJ419 Datasheet
908Kb / 8P
   Multi-function IPQ4019 Embedded Board with on-board Wireless
AP.CP01 COMPEX-AP.CP01 Datasheet
573Kb / 9P
   Multi-function IPQ6018 Embedded Board with on-board WiFi
WPQ872 COMPEX-WPQ872 Datasheet
1Mb / 9P
   Multi-function IPQ8072A Embedded Board with on-board WiFi
WPJ563 COMPEX-WPJ563 Datasheet
1Mb / 6P
   QCA9563 Embedded Board with on-board Wireless
WPJ564 COMPEX-WPJ564 Datasheet
1Mb / 5P
   High Power QCA9563 Embedded Board with on-board Wireless
WPQ865 COMPEX-WPQ865 Datasheet
1Mb / 4P
   Multi-function IPQ8065 Embedded Board with 1.7GHz CPU
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com