전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FT602Q 데이터시트(PDF) 12 Page - Future Technology Devices International Ltd.

부품명 FT602Q
상세설명  Supports USB 3.1 GEN 1 Super Speed (5Gbps) / USB 2.0 High Speed (480Mbps)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FTDI [Future Technology Devices International Ltd.]
홈페이지  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT602Q 데이터시트(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button FT602Q Datasheet HTML 8Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 9Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 10Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 11Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 12Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 13Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 14Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 15Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Copyright © Future Technology Devices International Limited
12
FT602Q IC Datasheet
Version 1.4
Document No.: FT001389
Clearance No.: FTDI#519
For example, at idle, DATA[8] is logic”0”, which indicates USB IN channel 1 FIFO space is empty and able to
receive data . The external bus master will start a transfer cycle by asserting WR_N based on the channel
FIFO status. The first cycle after WR_N is asserted is the command phase, followed by the data phase when
RXF_N is asserted. At the command phase, the bus master will send the channel number which it intends to
transfer data with on DATA[7:0] and the Write command on BE[3:0]. BE[3:0] = ‘h1 indicates a master write.
There may also be a required turn-a-round for DATA[31:0] and BE[3:0] after the command phase and at the
end of data transaction.
Table 4.1 shows Multi-Channel FIFO mode command phase master write and channel address setting.
Command Phase
FT602 Command
BE[3:0]
Channel Address DATA[7:0]
Master Write
0001
8’h1=Channel 1
8’h2=Channel 2
8’h3=Channel 3
8’h4=Channel 4
All other values are reserved and shall be ignored
Table 4.1 Multi-Channel FIFO mode Command phase
Note: The channels can be configured by using the FT602 Chip Configuration utility.
The waveform below shows a FT602 master write transaction for 14 bytes at channel 1 with the bus master
terminating the transaction. There are turn-a-round cycles for DATA[15:8] after the command phase and at
the end of the data transaction. The BE[3:0] shows that the lower 2 bytes in D3 are valid at the last word
strobe in this transaction.
Figure 4.1 Multi-Channel FIFO mode master write transaction 1
NOTE: There is no turnaround phase for BE pins as these remain inputs when the FIFO is being written to by
the master.
The waveform below shows a FT602 master write transaction where the FIFO at channel 1 uses all data space
first, the RXF_N reasserts when the FIFO data space is not available after D3. There are turn-a-round cycles
for DATA[15:8] after the command phase and at the end of the data transaction. The BE[3:0] shows that the
transaction is all word aligned, all 4 bytes in D3 are valid at the last word strobe in this transaction.


유사한 부품 번호 - FT602Q

제조업체부품명데이터시트상세설명
logo
Future Technology Devic...
FT602Q-T FTDI-FT602Q-T Datasheet
1Mb / 28P
   FIFO to USB 3.0 UVC Bridge
More results

유사한 설명 - FT602Q

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com