전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FT602Q 데이터시트(PDF) 18 Page - Future Technology Devices International Ltd.

부품명 FT602Q
상세설명  Supports USB 3.1 GEN 1 Super Speed (5Gbps) / USB 2.0 High Speed (480Mbps)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FTDI [Future Technology Devices International Ltd.]
홈페이지  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT602Q 데이터시트(HTML) 18 Page - Future Technology Devices International Ltd.

Back Button FT602Q Datasheet HTML 14Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 15Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 16Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 17Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 18Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 19Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 20Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 21Page - Future Technology Devices International Ltd. FT602Q Datasheet HTML 22Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Copyright © Future Technology Devices International Limited
18
FT602Q IC Datasheet
Version 1.4
Document No.: FT001389
Clearance No.: FTDI#519
6 USB Power Configurations
The following sections illustrate possible USB power configurations for the FT602. The illustrations have
omitted pin numbers for ease of understanding.
6.1 USB Bus-Powered Configuration
Note: The reference designs here are for USB 3.1 Standard B or Micro-B connectors.
Figure 6.1 Bus-Powered Configuration-1.8V/2.5V I/O
Figure 6.1 illustrate the FT602 in a typical USB bus powered design configuration. The FT602 device gets its
power(VCC33) from the USB bus via an external LDO(LDO_3V3) stepping the voltage down to +3.3V. Another
external LDO stepping the voltage down to +2.5V for supplying the VCCIO power, connect VCCIO pins to
same LDO(LDO_3V3) if VCCIO is configured to 3.3V.
A ferrite bead is connected in series with the USB power supply to reduce EMI noise from the FT602 and
associated circuitry being radiated down the USB cable to the USB host. The value of the Ferrite Bead
depends on the total current drawn by the application.


유사한 부품 번호 - FT602Q

제조업체부품명데이터시트상세설명
logo
Future Technology Devic...
FT602Q-T FTDI-FT602Q-T Datasheet
1Mb / 28P
   FIFO to USB 3.0 UVC Bridge
More results

유사한 설명 - FT602Q

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com