전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC78M18CDTRKG 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 MC78M18CDTRKG
상세설명  500 mA Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M18CDTRKG 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button MC78M18CDTRKG Datasheet HTML 6Page - ON Semiconductor MC78M18CDTRKG Datasheet HTML 7Page - ON Semiconductor MC78M18CDTRKG Datasheet HTML 8Page - ON Semiconductor MC78M18CDTRKG Datasheet HTML 9Page - ON Semiconductor MC78M18CDTRKG Datasheet HTML 10Page - ON Semiconductor MC78M18CDTRKG Datasheet HTML 11Page - ON Semiconductor MC78M18CDTRKG Datasheet HTML 12Page - ON Semiconductor MC78M18CDTRKG Datasheet HTML 13Page - ON Semiconductor MC78M18CDTRKG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC78M00, MC78M00A Series
http://onsemi.com
10
ORDERING INFORMATION
Device
Output
Voltage
Temperature Range
Package
Marking
Shipping
MC78M05CDT
5.0 V
TJ = 0° to +125°C
DPAK−3
78M05
75 Units / Rail
MC78M05CDTG
DPAK−3
(Pb−Free)
78M05
MC78M05CDTRK
DPAK−3
78M05
2500 Units / Tape & Reel
MC78M05CDTRKG
DPAK−3
(Pb−Free)
78M05
MC78M05ACDT
DPAK−3
8M05D
75 Units / Rail
MC78M05ACDTG
DPAK−3
(Pb−Free)
8M05D
MC78M05ACDTRK
DPAK−3
8M05D
2500 Units / Tape & Reel
MC78M05ACDTRKG
DPAK−3
(Pb−Free)
8M05D
MC78M05CT
TO−220
78M05CT
50 Units / Rail
MC78M05CTG
TO−220
(Pb−Free)
78M05CT
MC78M05ACT
TO−220
78M05ACT
50 Units / Rail
MC78M05ACTG
TO−220
(Pb−Free)
78M05ACT
MC78M05ABDT
TJ = −40° to +125°C
DPAK−3
8M05A
75 Units / Rail
MC78M05ABDTG
DPAK−3
(Pb−Free)
8M05A
MC78M05ABDTRK
DPAK−3
8M05A
2500 Units / Tape & Reel
MC78M05ABDTRKG
DPAK−3
(Pb−Free)
8M05A
MC78M05ABT
TO−220
78M05ABT
50 Units / Rail
MC78M05ABTG
TO−220
(Pb−Free)
78M05ABT
MC78M05BDT
DPAK−3
8M05B
75 Units / Rail
MC78M05BDTG
DPAK−3
(Pb−Free)
8M05B
MC78M05BDTRK
DPAK−3
8M05B
2500 Units / Tape & Reel
MC78M05BDTRKG
DPAK−3
(Pb−Free)
8M05B
MC78M05BT
TO−220
78M05BT
50 Units / Rail
MC78M05BTG
TO−220
(Pb−Free)
78M05BT
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


유사한 부품 번호 - MC78M18CDTRKG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC78M18CDTRKG ONSEMI-MC78M18CDTRKG Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
MC78M18CDTRKG ONSEMI-MC78M18CDTRKG Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
More results

유사한 설명 - MC78M18CDTRKG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com