전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I2040AF-08-TR 데이터시트(PDF) 8 Page - Alliance Semiconductor Corporation

부품명 I2040AF-08-TR
상세설명  LCD Panel EMI Reduction IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALSC [Alliance Semiconductor Corporation]
홈페이지  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I2040AF-08-TR 데이터시트(HTML) 8 Page - Alliance Semiconductor Corporation

  I2040AF-08-TR Datasheet HTML 1Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 2Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 3Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 4Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 5Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 6Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 7Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 8Page - Alliance Semiconductor Corporation I2040AF-08-TR Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
October 2005
P2040A
rev 1.2
LCD Panel EMI Reduction IC
8 of 9
Notice: The information in this document is subject to change without notice.
Ordering Information
Part number
Marking
Package Type
Temperature
P2040A -08-ST
P2040A
8-Pin SOIC,Tube
Commercial
P2040A -08-SR
P2040A
8-Pin SOIC, Tape and Reel
Commercial
P2040AF-08-ST
P2040AF
8-Pin SOIC, Tube, Pb Free
Commercial
P2040AF-08-SR
P2040AF
8-Pin SOIC, Tape and Reel, Pb Free
Commercial
P2040AG-08-ST
P2040AG
8-Pin SOIC, Tube, Green
Commercial
P2040AG-08-SR
P2040AG
8-Pin SOIC, Tape and Reel, Green
Commercial
I2040A-08-ST
I2040A
8-Pin SOIC, Tube
Industrial
I2040A-08-SR
I2040A
8-Pin SOIC, Tape and Reel
Industrial
I2040AF-08-ST
I2040AF
8-Pin SOIC, Tube, Pb Free
Industrial
I2040AF-08-SR
I2040AF
8-Pin SOIC, Tape and Reel, Pb Free
Industrial
I2040AG-08-ST
I2040AG
8-Pin SOIC, Tube, Green
Industrial
I2040AG-08-SR
I2040AG
8-Pin SOIC, Tape and Reel, Green
Industrial
P2040A-08-TT
P2040A
8-Pin TSSOP, Tube
Commercial
P2040A-08-TR
P2040A
8-Pin TSSOP, Tape and Reel
Commercial
P2040AF-08-TT
P2040AF
8-Pin TSSOP, Tube, Pb Free
Commercial
P2040AF-08-TR
P2040AF
8-Pin TSSOP, Tape and Reel, Pb Free
Commercial
P2040AG-08-TT
P2040AG
8-Pin TSSOP, Tube, Green
Commercial
P2040AG-08-TR
P2040AG
8-Pin TSSOP, Tape and Reel, Green
Commercial
I2040A-08-TT
I2040A
8-Pin TSSOP, Tube
Industrial
I2040A-08-TR
I2040A
8-Pin TSSOP, Tape and Reel
Industrial
I2040AF-08-TT
I2040AF
8-Pin TSSOP, Tube, Pb Free
Industrial
I2040AF-08-TR
I2040AF
8-Pin TSSOP, Tape and Reel, Pb Free
Industrial
I2040AG-08-TT
I2040AG
8-Pin TSSOP, Tube, Green
Industrial
I2040AG-08-TR
I2040AG
8-Pin TSSOP, Tape and Reel, Green
Industrial
Device Ordering Information
P2040A
F-08XX
Licensed under U.S Patent Nos 5,488,627 and 5,631,921
SR - SOIC, T/R
TT – TSSOP, TUBE
TR - TSSOP, T/R
ST – SOIC, TUBE
DEVICE NUMBER
Flow:
P = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (-40°C to 85°C)
Pin Count
Deviation (%) and Spread option Identifier
F = Lead Free and and RoHS compliant part
G = Green


유사한 부품 번호 - I2040AF-08-TR

제조업체부품명데이터시트상세설명
logo
PulseCore Semiconductor
I2040AF-08-TR PULSECORE-I2040AF-08-TR Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
More results

유사한 설명 - I2040AF-08-TR

제조업체부품명데이터시트상세설명
logo
PulseCore Semiconductor
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
   LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
   LCD Panel EMI Reduction IC
P2042A ALSC-P2042A Datasheet
353Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
   LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
   LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
logo
Alliance Semiconductor ...
ASM3P2184A ALSC-ASM3P2184A Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P3P2043B ONSEMI-P3P2043B_12 Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
ASM3P2182A ONSEMI-ASM3P2182A_11 Datasheet
124Kb / 6P
   LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P2040C ALSC-P2040C Datasheet
159Kb / 9P
   LCD Panel EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com