전자부품 데이터시트 검색엔진 |
|
HLMP-CW37-ZS0DD 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-CW37-ZS0DD 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 6 page Description These high intensity white LED lamps are based on InGaN material technology. A blue LED die is coated by phosphor to produce white. The typical resulting color is described by the coordinates x = 0.31, y = 0.31 using the 1931 CIE Chromaticity Diagram. Agilent HLMP-CWxx T-1 ¾ (5mm) Extra Bright Precision Optical Performance White LED Lamps Data Sheet Features ••••• Well defined spatial radiation pattern ••••• High luminous white emission ••••• Viewing angle: 15°°°°°, 23°°°°° and 30°°°°° ••••• Standoff or non-standoff leads ••••• Superior resistance to moisture Applications ••••• Electronic signs and signals ••••• Small area illumination ••••• Legend backlighting ••••• General purpose indicators Benefit ••••• Reduced power consumption, higher reliability, and increased optical/mechanical design flexibility compared to incandescent bulbs and other alternative white light sources. Caution: Devices are Class 1 ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Application Note AN-1142 for additional details. HLMP-CW11, HLMP-CW12, HLMP-CW26, HLMP-CW27, HLMP-CW36, HLMP-CW37 These T-1 ¾ lamps are untinted, non-diffused, and incorporate precise optics which produce well-defined spatial radiation patterns at specific viewing cone angle. |
유사한 부품 번호 - HLMP-CW37-ZS0DD |
|
유사한 설명 - HLMP-CW37-ZS0DD |