전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100ES6210 데이터시트(PDF) 6 Page - Freescale Semiconductor, Inc

부품명 MC100ES6210
상세설명  Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6210 데이터시트(HTML) 6 Page - Freescale Semiconductor, Inc

  MC100ES6210 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6210 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Advanced Clock Drivers Devices
6
Freescale Semiconductor
MC100ES6210
PACKAGE DIMENSIONS
12 REF
DIM
MIN
MAX
MILLIMETERS
A
A1
7.00 BSC
A2
0.80 BSC
b
9.00 BSC
b1
0.30
0.40
c
0.09
0.20
c1
0.09
0.16
D
D1
e
E
E1
L
L1
1.00 REF
R1
0.08
0.20
R2
S
1
1.40
1.60
0.05
0.15
1.35
1.45
0.30
0.45
0.08
---
9.00 BSC
7.00 BSC
0.50
0.70
q
q
0.20 REF
D1
D/2
E
E1
1
8
9
17
25
32
D1/2
E1/2
E/2
4X
D
7
A
D
B
A-B
0.20 H
D
4X
A-B
0.20 C
D
6
6
4
4
DETAIL G
PIN 1 INDEX
DETAIL AD
R R2
θ˚
(S)
L
(L1)
0.25
GAUGE PLANE
A2
A
A1
(
θ1˚)
8X
R R1
e
SEATING
PLANE
DETAIL AD
0.1 C
C
32X
28X
H
DETAIL G
F
F
e/2
A, B, D
3
SECTION F-F
BASE
c1
c
b
b1
METAL
A-B
M
0.20
D
C
5
8
PLATING
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
3. DATUMS A, B, AND D TO BE DETERMINED AT
DATUM PLANE H.
4. DIMENSIONS D AND E TO BE DETERMINED AT
SEATING PLANE C.
5. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED
THE MAXIMUM b DIMENSION BY MORE THAN
0.08-mm. DAMBAR CANNOT BE LOCATED ON THE
LOWER RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSION AND ADJACENT LEAD OR
PROTRUSION: 0.07-mm.
6. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.25-mm PER SIDE. D1 AND E1 ARE MAXIMUM
PLASTIC BODY SIZE DIMENSIONS INCLUDING
MOLD MISMATCH.
7. EXACT SHAPE OF EACH CORNER IS OPTIONAL.
8. THESE DIMENSIONS APPLY TO THE FLAT
SECTION OF THE LEAD BETWEEN 0.1-mm AND
0.25-mm FROM THE LEAD TIP.
CASE 873A-03
ISSUE B
32-LEAD LQFP PACKAGE


유사한 부품 번호 - MC100ES6210

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
MC100ES6210AC RENESAS-MC100ES6210AC Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
MC100ES6210ACR2 RENESAS-MC100ES6210ACR2 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
MC100ES6210KLF RENESAS-MC100ES6210KLF Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
More results

유사한 설명 - MC100ES6210

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC100ES6111 MOTOROLA-MC100ES6111 Datasheet
136Kb / 12P
   LOW VOLTAGE 2.5/3.3V DIFFIERENTIAL ECL / PECL/ HSTL FANOUT BUFFER
logo
Renesas Technology Corp
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Texas Instruments
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com