전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79M576A-1 데이터시트(PDF) 9 Page - Advanced Micro Devices

부품명 AM79M576A-1
상세설명  Metering Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79M576A-1 데이터시트(HTML) 9 Page - Advanced Micro Devices

Back Button AM79M576A-1 Datasheet HTML 5Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 6Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 7Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 8Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 9Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 10Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 11Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 12Page - Advanced Micro Devices AM79M576A-1 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SLIC Products
9
RELAY DRIVER SCHEMATIC
SWITCHING CHARACTERISTICS
Symbol
Parameter
Test Conditions
Temperature
Ranges
Min
Typ
Max
Unit
Note
tgkde
E1 Low to DET High (E0 = 1)
E1 Low to DET Low (E0 = 1)
Ground-Key Detect state
RL open, RG connected
(See Figure H)
0
°C to +70°C
–40
°C to 85°C
0
°C to +70°C
–40
°C to 85°C
3.8
4.0
1.1
1.6
µs
4
tgkdd
E0 High to DET Low (E1 = 0)
0
°C to +70°C
–40
°C to 85°C
1.1
1.6
tgkd0
E0 Low to DET High (E1 = 0)
0
°C to +70°C
–40
°C to 85°C
3.8
4.0
tshde
E1 High to DET Low (E0 = 1)
E1 High to DET High (E0 = 1)
Switchhoook Detect state
RL = 600 Ω, RG open
(See Figure G)
0
°C to +70°C
–40
°C to 85°C
0
°C to +70°C
–40
°C to 85°C
1.2
1.7
3.8
4.0
tshdd
E0 High to DET Low (E1 = 1)
0
°C to +70°C
–40
°C to 85°C
1.1
1.6
tshd0
E0 Low to DET High (E1 = 1)
0
°C to +70°C
–40
°C to 85°C
3.8
4.0
VCCRING
RINGOUT/DGND
QBAT
7 V


유사한 부품 번호 - AM79M576A-1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AM79M574 ETC2-AM79M574 Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-1JC ETC2-AM79M574-1JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-2JC ETC2-AM79M574-2JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-JC ETC2-AM79M574-JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574JC ETC2-AM79M574JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
More results

유사한 설명 - AM79M576A-1

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM79M535 AMD-AM79M535 Datasheet
250Kb / 18P
   Metering Subscriber Line Interface Circuit
logo
List of Unclassifed Man...
AM79M574 ETC2-AM79M574 Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com