์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

I1818F-08TR ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Alliance Semiconductor Corporation

๋ถ€ํ’ˆ๋ช… I1818F-08TR
์ƒ์„ธ๋‚ด์šฉ  Low Power Mobile VGA EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ALSC [Alliance Semiconductor Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.alsc.com
Logo 

I1818F-08TR ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Alliance Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 4 / 8 page
background image
ยฎ
Low Power Mobile VGA EMI Reduction IC
4 of 8
March 2003
P1818/19/20/21/22
Notice: The information in this document is subject to change without notice.
Frequency vs. Deviation (P1818A and P1818H)
Pin Description
Frequency
Deviation in P1818A
Deviation in P1818H
SRS = 1
SRS = 0
D_C = 1
D_C = 0
10 MHz
-4.4%
-3.3%
-4.4%
ยฑ2.2%
15 MHz
-1.8%
-1.26%
-1.8%
ยฑ0.9%
20 MHz
-0.8%
-0.6%
-0.8%
ยฑ0.4%
Pin
number
Name
Type
Description
1
XIN
I
Connect to externally generated clock signal or crystal.
2
VSS
P
Ground Connection. Connect to system ground.
3
SRS
I
Spread Range Select. Digital logic input used to select frequency devi-
ation (see Spread Deviation Selections). This pin has an internal pull-
up resistor.
31
1. Please refer to Figure 1 for pin assignment.
D_C
I
Digital logic input used to select Down (LOW) or Center (HIGH) Spread
Options (see Spread Deviation Selections). This pin has an internal
pull-up resistor.
4
ModOut
O
Spread Spectrum clock output (see Input Frequency and Modulation
Rate Selections and Spread Deviation Selections).
5
REF
O
Non-modulated reference output clock of the input frequency.
5/61
FRS
I
Frequency Range Select. Digital logic input used to select input fre-
quency range (see Input Frequency and Modulation Rate Selections).
This pin has an internal pull-up resistor.
61
PD#
I
Power-Down control pin. Pull LOW to enable Power-Down mode. This
pin has an internal pull-up resistor.
7
VDD
P
Connect to +3.3V
8
XOUT
I
Connect to crystal. No connect if externally generated clock signal is
used.
81
MRS
I
Modulation Rate Select. Digital logic input used to select Modulation
Rate (see Spread Deviation Selections). This pin has an internal pull-
up resistor.


Html Pages

1  2  3  4  5  6  7  8 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
ASM3P1819NLow Power Mobile VGA EMI Reduction IC 1 2 3 4 5 MoreAlliance Semiconductor Corporation
ASM3P5821ALow Power EMI Reduction IC 1 2 3 4 5 MoreAlliance Semiconductor Corporation
ASM3P2109ALow Power EMI Reduction IC 1 2 3 4 5 MoreAlliance Semiconductor Corporation
FPD87370AXALow EMI Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS Outputs 1 2 National Semiconductor (TI)
P1708CLow Power Notebook LCD Panel EMI Reduction IC 1 2 3 4 5 MoreAlliance Semiconductor Corporation
P1817ALow-Power Mobile VGA EMI Reduction IC 1 2 3 4 5 MoreAlliance Semiconductor Corporation
ASM3P2811ALow Power EMI Reduction IC 1 2 3 4 5 MoreAlliance Semiconductor Corporation
ASM3P2821BLow Power EMI Reduction IC 1 2 3 4 5 MoreAlliance Semiconductor Corporation
BAT60ASilicon Schottky Diode Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply 1 2 3 Siemens Semiconductor Group
ASM3P2869ALow Power Peak EMI Reducing Solution 1 2 3 4 5 MoreAlliance Semiconductor Corporation

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn